Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC403 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC403
Description  6A EcoSpeedTM Integrated FET Regulator with Programmable LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC403 Datasheet(HTML) 3 Page - Semtech Corporation

  SC403 Datasheet HTML 1Page - Semtech Corporation SC403 Datasheet HTML 2Page - Semtech Corporation SC403 Datasheet HTML 3Page - Semtech Corporation SC403 Datasheet HTML 4Page - Semtech Corporation SC403 Datasheet HTML 5Page - Semtech Corporation SC403 Datasheet HTML 6Page - Semtech Corporation SC403 Datasheet HTML 7Page - Semtech Corporation SC403 Datasheet HTML 8Page - Semtech Corporation SC403 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
SC403
3
Absolute Maximum Ratings
LX to PGND (V). . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +30
LX to PGND (V) (transient — 100ns max.) . . . . . . -2 to +30
VIN to PGND (V). . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +30
EN/PSV, PGOOD, ILIM, to GND (V). . . . . . -0.3to +(V
DD + 0.3)
SS, VOUT, FB, FBL, to GND (V) . . . . . . . . . -0.3to +(V
DD + 0.3)
VDD to PGND (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6
TON to AGND (V). . . . . . . . . . . . . . . . . . . . . -0.3 to +(VDD - 1.5)
ENL (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to V
IN
BST to LX (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.0
BST to PGND (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +35
AGND to PGND (V) . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +0.3
ESD Protection Level(1) (kV) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
Recommended Operating Conditions
Input Voltage (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.0 to 28
VDD to PGND (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.0 to 5.5
VOUT to PGND (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.75 to 5.5
Thermal Information
Storage Temperature (°C). . . . . . . . . . . . . . . . . . . . -60 to +150
Maximum Junction Temperature (°C) . . . . . . . . . . . . . . . 150
Operating Junction Temperature (°C) . . . . . . -40 to +125
Thermal resistance, junction to ambient (2) (°C/W)
High-side MOSFET . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
Low-side MOSFET . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
PWM controller and LDO thermal resistance . . . . . 36
Peak IR Reflow Temperature (°C) . . . . . . . . . . . . . . . . . . . . 260
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES:
(1) Tested according to JEDEC standard JESD22-A114.
(2) Calculated from package in still air, mounted to 3 x 4.5 (in), 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
Unless specified: V
IN =12V, TA = +25°C for Typ, -40 to +85 °C for Min and Max, TJ < 125°C, VDD = +5V, per applicable Detailed Application Circuit
Electrical Characteristics
Parameter
Conditions
Min
Typ
Max
Units
Input Supplies
VIN UVLO Threshold(1)
Sensed at ENL pin, rising edge
2.40
2.60
2.95
V
Sensed at ENL pin, falling edge
2.235
2.40
2.565
VIN UVLO Hysteresis
EN/PSV = High
0.2
V
VDD UVLO Threshold
Measured at VDD pin, rising edge
2.5
3.0
V
Measured at VDD pin, falling edge
2.4
2.9
VDD UVLO Hysteresis
0.2
V
VIN Supply Current
ENL , EN/PSV = 0V, V
IN = 16V
8.5
20
μA
Standby mode; ENL=V
DD, EN/PSV = 0V
130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com