Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC403 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC403
Description  6A EcoSpeedTM Integrated FET Regulator with Programmable LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC403 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC403 Datasheet HTML 10Page - Semtech Corporation SC403 Datasheet HTML 11Page - Semtech Corporation SC403 Datasheet HTML 12Page - Semtech Corporation SC403 Datasheet HTML 13Page - Semtech Corporation SC403 Datasheet HTML 14Page - Semtech Corporation SC403 Datasheet HTML 15Page - Semtech Corporation SC403 Datasheet HTML 16Page - Semtech Corporation SC403 Datasheet HTML 17Page - Semtech Corporation SC403 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
SC403
14
Block Diagram
Reference
Soft Start
FB
AGND
On- time
Generator
Control & Status
PGOOD
Gate Drive
Control
VIN
PGND
TON
VOUT
Zero Cross Detector
Valley Current Limit
ILIM
ENL
FBL
VLDO Switchover MUX
A
Y
B
LDO
VDD
BST
FB Comparator
-
LX
EN/PSV
Bypass Comparator
Bypass Comparator
NC
NC
A
12
8
27
14
32
5
3
2
31
1
26
29
A = connected to pins 6, 9-11, PAD 2
B = connected to pins 23-25, PAD 3
C = connected to pins 15-22
D = connect to pins 4, 30, PAD 1
B
C
D
VIN
VDD
VDD
VIN
Bootstrap
Switch
Lo-side
MOSFET
Hi-side
MOSFET
LXBST
13
LXS
28
DL
DL
VDD
VDD
VDD
SS 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com