Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC403 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC403
Description  6A EcoSpeedTM Integrated FET Regulator with Programmable LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC403 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC403 Datasheet HTML 4Page - Semtech Corporation SC403 Datasheet HTML 5Page - Semtech Corporation SC403 Datasheet HTML 6Page - Semtech Corporation SC403 Datasheet HTML 7Page - Semtech Corporation SC403 Datasheet HTML 8Page - Semtech Corporation SC403 Datasheet HTML 9Page - Semtech Corporation SC403 Datasheet HTML 10Page - Semtech Corporation SC403 Datasheet HTML 11Page - Semtech Corporation SC403 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
SC403
8
RTON
130KΩ
SC403
FB
1
VOUT
2
VDD
3
AGND
4
FBL
5
VIN
6
SOFT
7
BST
8
9 10 11
15 16
17
18
19
20
21
PGND 22
LX 23
LX 24
25
26
27
28
29
30
31
32
14
13
12
PAD 2
AGND
PAD 1
LX PAD 3
RILIM
8.06KΩ
CIN
2 x 10µF
(see note)
RGND
0
CBST
1µF
VIN
+12V
PGND
PGND
PGND
PGND
PGND
+
10nF
CFF
100pF
L1
1.5µH
RFB2
10KΩ
VOUT
1.5V @ 6A, 300kHz
COUT
330µF
15mΩ
ENABLE/
PSAVE
PGOOD
1µF
External 5V Used as Bias
3.3nF
5V
Component
Value
Manufacturer
Part Number
Web
CIN
2 x 10µF/25V
Murata
GRM32DR71E106KA12L
www.murata.com
Key Components
www.cyntec.com
L1
1.5µH/6.7mΩ
Cyntec
PCMB065T-1R5MS
COUT
NOTE: The quantity of 10µF input capacitors required varies with the application requirements.
www.panasonic.com
330µF/9mΩ
Panasonic
EEF-SX0E331ER
10Ω
1µF
RFB1
10KΩ
Detailed Application Circuit-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com