Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC403 Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC403
Description  6A EcoSpeedTM Integrated FET Regulator with Programmable LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC403 Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC403 Datasheet HTML 14Page - Semtech Corporation SC403 Datasheet HTML 15Page - Semtech Corporation SC403 Datasheet HTML 16Page - Semtech Corporation SC403 Datasheet HTML 17Page - Semtech Corporation SC403 Datasheet HTML 18Page - Semtech Corporation SC403 Datasheet HTML 19Page - Semtech Corporation SC403 Datasheet HTML 20Page - Semtech Corporation SC403 Datasheet HTML 21Page - Semtech Corporation SC403 Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
SC403
18
Because the on-times are forced to occur at intervals no
greater than 40µs, the frequency will not fall below
~25kHz. Figure 5 shows ultrasonic PSAVE operation.
FB Ripple
Voltage
(VFB)
FB threshold
(750mV)
Inductor
Current
(0A)
Minimum fSW ~ 20kHz
DH
DH On-Time is triggered when
VFB reaches the FB Threshold
On-time
(TON)
DL
50µsec time-out
After the 50µsec time-out, DL drives high if VFB
has not reached the FB threshold.
Figure 5 — Ultrasonic PSAVE Operation
Smart PSAVE Protection
Active loads may leak current from a higher voltage into
the switcher output. Under light load conditions with
PSAVE enabled, this can force V
OUT to slowly rise and reach
the over-voltage threshold, resulting in a hard shutdown.
Smart PSAVE prevents this condition. When the FB voltage
exceeds 10% above nominal, the device immediately dis-
ables PSAVE, and DL drives high to turn on the low-side
MOSFET. This draws current from V
OUT through the induc-
tor and causes V
OUT to fall. When VFB drops back to the
750mV trip point, a normal t
ON switching cycle begins. This
method prevents a hard OVP shutdown and also cycles
energy from V
OUT back to VIN. It also minimizes operating
power by avoiding forced conduction mode operation.
Figure 6 shows typical waveforms for the Smart PSAVE
feature.
FB
threshold
High-side
Drive (DH)
Low-side
Drive (DL)
VOUT drifts up to due to leakage
current flowing into COUT
DH and DL off
DL turns on when Smart
PSAVE threshold is reached
Smart Power Save
Threshold (825mV)
DL turns off when FB
threshold is reached
Single DH on-time pulse
after DL turn-off
VOUT discharges via inductor
and low-side MOSFET
Normal DL pulse after
DH on-time pulse
Normal VOUT ripple
Figure 6 — Smart PSAVE
SmartDriveTM
For each DH pulse the DH driver initially turns on the high-
side MOSFET at a lower speed, allowing a softer, smooth
turn-off of the low-side diode. Once the diode is off and
the LX voltage has risen 1V above PGND, the SmartDrive
circuit automatically drives the high-side MOSFET on at a
rapid rate. This technique reduces switching power loss
while maintaining high efficiency and also avoids the
need for snubbers or series resistors in the gate drive.
Current Limit Protection
Programmable current limiting is accomplished by using
the RDS
ON of the lower MOSFET for current sensing. The
current limit is set by the R
ILIM resistor. The RILIM resistor con-
nects from the ILIM pin to the LXS pin which is also the drain
of the low-side MOSFET. When the low-side MOSFET is on,
an internal ~10μA current flows from the ILIM pin and
through the R
ILIM resistor, creating a voltage drop across the
resistor. While the low-side MOSFET is on, the inductor
current flows through it and creates a voltage across the
RDS
ON. The voltage across the MOSFET is negative with
respect to ground. If this MOSFET voltage drop exceeds the
voltage across R
ILIM, the voltage at the ILIM pin will be nega-
tive and current limit will activate. The current limit then
keeps the low-side MOSFET on and will not allow another
high-side on-time, until the current in the low-side MOSFET
reduces enough to bring the ILIM voltage back up to zero.
This method regulates the inductor valley current at the
level shown by ILIM in Figure 7.
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com