Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC403 Datasheet(PDF) 21 Page - Semtech Corporation

Part # SC403
Description  6A EcoSpeedTM Integrated FET Regulator with Programmable LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC403 Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SC403 Datasheet HTML 17Page - Semtech Corporation SC403 Datasheet HTML 18Page - Semtech Corporation SC403 Datasheet HTML 19Page - Semtech Corporation SC403 Datasheet HTML 20Page - Semtech Corporation SC403 Datasheet HTML 21Page - Semtech Corporation SC403 Datasheet HTML 22Page - Semtech Corporation SC403 Datasheet HTML 23Page - Semtech Corporation SC403 Datasheet HTML 24Page - Semtech Corporation SC403 Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
SC403
21
Figure 10 shows the ENL voltage thresholds and their
effect on LDO and switcher operation.
AGND
ENL low
threshold
(min 0.4V)
2.6V
2.4V
LDO on
LDO on
LDO off
VIN UVLO hysteresis
ENL voltage
Switcher on if EN = high
Switcher on if EN = high
Switcher off by VIN UVLO
Figure 10 — ENL Threshold
Before start-up, the LDO checks the status of the following
signals to ensure proper operation can be maintained.
ENL pin
V
IN input voltage
When the ENL pin is high and V
IN is above the UVLO point,
the LDO will begin start-up. During the initial phase, when
the V
DD voltage (which is the LDO output voltage) is less
than 0.75V, the LDO initiates a current-limited start-up
(typically 65mA) to charge the output capacitors while
protecting from a short circuit event. When V
DD is greater
than 0.75V but still less than 90% of its final value (as
sensed at the FBL pin), the LDO current limit is increased
to ~115mA. When V
DD has reached 90% of the final value
(as sensed at the FBL pin), the LDO current limit is increased
to ~200mA and the LDO output is quickly driven to the
nominal value by the internal LDO regulator. It is recom-
mended that during LDO start-up to hold the PWM
switching off until the LDO has reached 90% of the final
value. This prevents overloading the current-limited LDO
output during the LDO start-up.
Due to the initial current limitations on the LDO during
power up (Figure 11), any external load attached to the
VDD pin must be limited to 20mA before the LDO has
reached 90% of it final regulation value.
1.
2.
VVLDO Final
90% of
VVLDO Final
Constant current
startup @ ~ 115mA
Voltage regulating
with ~ 200mA
current limit
Short-circuit Protection @ ~ 65mA
0.7V
Figure 11 — LDO Start-Up
LDO Switch-Over Operation
The switch-over function is provided to increase efficiency
by using the more efficient DC-DC converter to power the
LDO output, avoiding the less efficient LDO regulator
when possible. The switch-over function connects the
VDD pin directly to the VOUT pin using an internal switch.
When the switch-over is complete the LDO is turned off,
which results in power savings and maximizes efficiency.
If the LDO output is used to bias the SC403, then after
switch-over the device is self-powered from the switching
regulator with the LDO turned off.
The switch-over logic waits for 32 switching cycles before
it starts the switch-over. When the LDO is already in regu-
lation and the DC-DC converter is later enabled, as soon as
the PGOOD output goes high, the 32 cycles are started.
The voltages at the VDD and VOUT pins are then com-
pared; if the two voltages are within ±300mV of each
other, the VDD pin connects to the VOUT pin using an
internal switch, and the LDO is turned off.
Switch-over Limitations on VOUT, ENL, and VDD
Because the internal switch-over circuit always compares
the VOUT and VDD pins at start-up, there are limitations
on permissible combinations of these pins. Consider the
case where V
OUT is programmed to 3.0V and VLDO is pro-
grammed to 3.3V. After start-up, the device would connect
VOUT to VDD and disable the LDO, since the two voltages
are within the ±300mV switch-over window. To avoid
unwanted switch-over, the minimum difference between
the voltages for V
OUT and VLDO should be ±500mV.
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com