Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC403 Datasheet(PDF) 23 Page - Semtech Corporation

Part # SC403
Description  6A EcoSpeedTM Integrated FET Regulator with Programmable LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC403 Datasheet(HTML) 23 Page - Semtech Corporation

Back Button SC403 Datasheet HTML 19Page - Semtech Corporation SC403 Datasheet HTML 20Page - Semtech Corporation SC403 Datasheet HTML 21Page - Semtech Corporation SC403 Datasheet HTML 22Page - Semtech Corporation SC403 Datasheet HTML 23Page - Semtech Corporation SC403 Datasheet HTML 24Page - Semtech Corporation SC403 Datasheet HTML 25Page - Semtech Corporation SC403 Datasheet HTML 26Page - Semtech Corporation SC403 Datasheet HTML 27Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
SC403
23
Applications Information (continued)
The desired switching frequency is 300kHz which results
from using components selected for optimum size and
cost.
A resistor (R
TON) is used to program the on-time (indirectly
setting the frequency) using the following equation.
OUT
IN
ON
TON
V
pF
25
V
)
ns
10
t(
R
To select R
TON, use the maximum value for VIN, and for tON
use the value associated with maximum V
IN.
SW
INMAX
OUT
ON
f
V
V
t
t
ON = 379 ns at 13.2VIN, 1.5VOUT, 300kHz
Substituting for R
TON results in the following solution.
R
TON = 129.9kΩ, use RTON = 130kΩ
Inductor Selection
In order to determine the inductance, the ripple current
must first be defined. Low inductor values result in smaller
size but create higher ripple current which can reduce effi-
ciency. Higher inductor values will reduce the ripple current
and ripple voltage and for a given DC resistance are more
efficient. However, larger inductance translates directly into
larger packages and higher cost. Cost, size, output ripple,
and efficiency are all used in the selection process.
The ripple current will also set the boundary for PSAVE
operation. The switching will typically enter PSAVE mode
when the load current decreases to 1/2 of the ripple
current. For example, if ripple current is 4A then PSAVE
operation will typically start for loads less than 2A. If ripple
current is set at 40% of maximum load current, then PSAVE
will start for loads less than 20% of maximum current.
The inductor value is typically selected to provide a ripple
current that is between 25% to 50% of the maximum load
current. This provides an optimal trade-off between cost,
efficiency, and transient performance.
During the DH on-time, voltage across the inductor is
(V
IN - VOUT). The equation for determining inductance is
shown next.
RIPPLE
ON
OUT
IN
I
t
)
V
V
(
L
Example
In this example, the inductor ripple current is set equal to
50% of the maximum load current. Therefore ripple
current will be 50% x 6A or 3A. To find the minimum
inductance needed, use the V
IN and tON values that corre-
spond to V
INMAX.
H
48
.
1
A
3
ns
379
)
5
.
1
2
.
13
(
L
A slightly larger value of 1.5µH is selected. This will
decrease the typical I
RIPPLE to 2.7A.
Note that the inductor must be rated for the maximum DC
load current plus 1/2 of the ripple current.
The ripple current under minimum V
IN conditions is also
checked using the following equations.
ns
461
ns
10
V
V
R
pF
25
t
INMIN
OUT
TON
VINMIN
_
ON
L
t
)
V
V
(
I
ON
OUT
IN
RIPPLE
A
38
.
2
)
2
.
0
1
(
H
5
.
1
ns
461
)
5
.
1
8
.
10
(
I
MIN
_
RIPPLE
A
7
.
3
)
2
.
0
1
(
H
5
.
1
ns
379
)
5
.
1
8
.
10
(
I
MAX
_
RIPPLE
The value of L has been adjusted by +20% for the equa-
tions above assuming an inductor tolerance of +20%.
Output Capacitor Selection
The output capacitors are chosen based upon required
ESR and capacitance. The maximum ESR requirement is
controlled by the output ripple requirement and the DC
tolerance. The output voltage has a DC value that is equal
to the valley of the output ripple plus 1/2 of the peak-to-
peak ripple. A change in the output ripple voltage will
lead to a change in DC voltage at the output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com