Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC403 Datasheet(PDF) 24 Page - Semtech Corporation

Part # SC403
Description  6A EcoSpeedTM Integrated FET Regulator with Programmable LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC403 Datasheet(HTML) 24 Page - Semtech Corporation

Back Button SC403 Datasheet HTML 20Page - Semtech Corporation SC403 Datasheet HTML 21Page - Semtech Corporation SC403 Datasheet HTML 22Page - Semtech Corporation SC403 Datasheet HTML 23Page - Semtech Corporation SC403 Datasheet HTML 24Page - Semtech Corporation SC403 Datasheet HTML 25Page - Semtech Corporation SC403 Datasheet HTML 26Page - Semtech Corporation SC403 Datasheet HTML 27Page - Semtech Corporation SC403 Datasheet HTML 28Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
SC403
24
Applications Information (continued)
The design goal is that the output voltage regulation be
±4% under static conditions. The internal 750mV refer-
ence tolerance is ±1%. Allowing ±1% tolerance from the
FB resistor divider, this allows 2% tolerance due to V
OUT
ripple. Since this 2% error comes from 1/2 of the ripple
voltage, the allowable ripple is 4%, or 60mV for a 1.5V
output.
The maximum ripple current of 3.7A creates a ripple
voltage across the ESR. The maximum ESR value allowed
is shown by the following equations.
A
7
.
3
mV
60
I
V
ESR
RIPPLEMAX
RIPPLE
MAX
ESR
MAX = 16.2 mΩ
The output capacitance is usually chosen to meet tran-
sient requirements. A worst-case load release, from
maximum load to no load at the exact moment when the
inductor current is at the peak, determines the required
capacitance. If the load release is instantaneous (load
changes from maximum to zero in < 1µs), the output
capacitor must absorb all the inductor’s stored energy.
This will cause a peak voltage on the capacitor requiring a
capacitance provided by the following equation.
2
OUT
2
PEAK
2
RIPPLEMAX
OUT
MIN
V
V
I
2
1
I
L
COUT
Assuming a peak voltage V
PEAK of 1.6V (100mV rise upon
load release), and a 6A load release, the required capaci-
tance is shown by the next equation.
2
2
2
MIN
V
5
.
1
V
6
.
1
A
7
.
3
2
1
A
6
H
5
.
1
COUT
COUT
MIN = 298µF
If the load release is relatively slow, the output capacitance
can be reduced. At heavy loads during normal switching,
when the FB pin is above the 750mV reference, the DL
output is high and the low-side MOSFET is on. During this
time, the voltage across the inductor is approximately
-V
OUT. This causes a down-slope or falling di/dt in the
inductor. If the load di/dt is not much faster than the
-di/dt in the inductor, then the inductor current will tend
to track the falling load current. This will reduce the excess
inductive energy that must be absorbed by the output
capacitor, therefore a smaller capacitance can be used.
The following can be used to calculate the needed capaci-
tance for a given dI
LOAD/dt.
Peak inductor current is shown by the next equation.
I
LPK = IMAX + 1/2 x IRIPPLEMAX
I
LPK = 6 + 1/2 x 3.7 = 7.9A
dt
dl
Current
Load
of
change
of
Rate
LOAD
I
MAX = maximum load release = 6A
OUT
PK
LOAD
MAX
OUT
LPK
LPK
OUT
V
V
2
dt
dl
I
V
I
L
I
C
Example
s
1
A
2
dt
dl
LOAD
This would cause the output current to move from 6A to
0A in 3.0µs, giving the minimum output capacitance
requirement shown in the following equation.
V
5
.
1
V
6
.
1
2
s
1
2
6
5
.
1
9
.
7
H
5
.
1
A
9
.
7
C
OUT
C
OUT = 194 µF
Note that C
OUT is much smaller in this example, 194µF
compared to 298µF based on a worst-case load release. To
meet the maximum design criteria of minimum 298µF
and maximum 16mΩ ESR, select one capacitor rated at
330µF and 9mΩ ESR.
It is recommended that an additional small capacitor be
placed in parallel with C
OUT in order to filter high frequency
switching noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com