Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC414 Datasheet (PDF) - Semtech Corporation

SC414 Datasheet PDF - Semtech Corporation
Part # SC414
Download  SC414 Download
File Size   506.04 Kbytes
Page   29 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 6A Integrated FET Regulator with 5V LDO

SC414 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC414 Datasheet PDF - Semtech Corporation

Part # SC414
Download  SC414 Click to download

File Size   506.04 Kbytes
Page   29 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 6A Integrated FET Regulator with 5V LDO

SC414 Datasheet (HTML) - Semtech Corporation


SC414 Product details

Description
The SC414/SC424 is a stand-alone synchronous buck regulated power supply. It features integrated power MOSFETs, a bootstrap switch, and a 5V LDO in a space-saving MLPQ-4x4mm 28-pin package. The device is highly efcient and uses minimal PCB area. It uses pseudo-f xed frequency adaptive on-time operation to provide fast transient response.
The SC414/SC424 supports using standard capacitor types such as electrolytic or special polymer, in addition to ceramic, at switching frequencies up to 1MHz. The programmable frequency, synchronous operation, and select able power-save provide high efciency operation over a wide load range.
Additional features include cycle-by-cycle current limit, soft-start, under and over-voltage protection, programmable over-current protection, soft shutdown, and selectable power-save. The device also provides separate enable inputs for the PWM controller and LDO as well as a power good output for the PWM controller.
The input voltage can range from 3V to 28V. The wide input voltage range, programmable frequency, and 5V LDO make the device extremely flexible and easy to use in a broad range of applications. It can be used for single cell or multi-cell battery systems in addition to traditional DC power supply applications.
The 5V LDO or an external 3.3V to 5V supply can be used to provide the bias voltage for the SC414/SC424. When the SC414/SC424 is used as a 5V output switching regulator, the 5V LDO can be used as an initial bias supply for the device. Once the switch regulator output is in the switch over range, the LDO will be bypassed by the switcher output for optimum efciency.

Features
■ Input voltage — 3V to 28V
■ Internal power MOSFETs — 6A
■ Integrated bootstrap switch
■ Smart power-save protection
■ Integrated 5V, 150mA LDO with bypass capability
■ TC compensated RDS(ON) sensed current limit
■ Pseudo-fxed frequency adaptive on-time control
■ Designed for use with ceramic capacitors
■ Programmable VIN UVLO threshold
■ Independent enable for switcher and LDO
■ Selectable ultrasonic power-save (SC414)
■ Selectable power-save (SC424)
■ Internal soft-start and soft-shutdown at output
■ Internal reference — 1% tolerance
■ Over-voltage and under-voltage fault protection
■ Power good output
■ SmartDriveTM
■ Lead-free 4x4mm, 28 Pin MLPQ package
■ Fully WEEE and RoHS compliant, and halogen free

Applications
■ Notebook, desktop, tablet, and server computers
■ Networking and telecommunication equipment
■ Printers, DSL, and STB applications
■ Embedded applications
■ Power supply modules
■ Point of load power supplies




Similar Part No. - SC414

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC410 SEMTECH-SC410 Datasheet
614Kb / 26P
3A EcoSpeed TM Step-Down Regulator with LDO and Ultrasonic Power Save
SC410A SEMTECH-SC410A Datasheet
807Kb / 26P
2A EcoSpeed Step-Down Regulator with LDO and Power Save
SC410AEVB SEMTECH-SC410AEVB Datasheet
807Kb / 26P
2A EcoSpeed Step-Down Regulator with LDO and Power Save
SC410AMLTRT SEMTECH-SC410AMLTRT Datasheet
807Kb / 26P
2A EcoSpeed Step-Down Regulator with LDO and Power Save
SC410EVB SEMTECH-SC410EVB Datasheet
614Kb / 26P
3A EcoSpeed TM Step-Down Regulator with LDO and Ultrasonic Power Save
More results


Similar Description - SC414

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC417 SEMTECH-SC417 Datasheet
546Kb / 29P
10A Integrated FET Regulator with Programmable LDO
logo
EM Microelectronic - MA...
EM6156 EMMICRO-EM6156 Datasheet
492Kb / 11P
5V 120mA Automotive LDO Regulator with Watchdog
logo
Semtech Corporation
SC403 SEMTECH-SC403 Datasheet
715Kb / 32P
6A EcoSpeedTM Integrated FET Regulator with Programmable LDO
SC417 SEMTECH-SC417_09 Datasheet
595Kb / 30P
10A Integrated FET Regulator with Programmable LDO
SC401B SEMTECH-SC401B Datasheet
1Mb / 32P
15A Integrated FET Regulator with Programmable LDO
SC402B SEMTECH-SC402B Datasheet
1Mb / 32P
10A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
SC403B SEMTECH-SC403B Datasheet
846Kb / 32P
6A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
SC9301 SEMTECH-SC9301 Datasheet
1Mb / 29P
10A EcoSpeed짰 Integrated FET Regulator with 5V LDO and Hiccup Restart
logo
Richtek Technology Corp...
RT6226A RICHTEK-RT6226A Datasheet
435Kb / 26P
6A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
September 2019
RT6316B RICHTEK-RT6316B Datasheet
405Kb / 25P
6A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
November 2020
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com