Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC414 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC414
Description  6A Integrated FET Regulator with 5V LDO
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC414 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC414 Datasheet HTML 6Page - Semtech Corporation SC414 Datasheet HTML 7Page - Semtech Corporation SC414 Datasheet HTML 8Page - Semtech Corporation SC414 Datasheet HTML 9Page - Semtech Corporation SC414 Datasheet HTML 10Page - Semtech Corporation SC414 Datasheet HTML 11Page - Semtech Corporation SC414 Datasheet HTML 12Page - Semtech Corporation SC414 Datasheet HTML 13Page - Semtech Corporation SC414 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
SC414/SC424
10
Ultrasonic Powersave Mode — No Load (SC414)
Time (10μs/div)
(50mV/div)
(5V/div)
V
IN
= 12V, V
OUT
= 1V, I
OUT
= 0A, V
LDO
= V
5V
= EN/PSV= ENL = 5V
Forced Continuous Mode — No Load
Time (2μs/div)
(50mV/div)
(5V/div)
V
IN
= 12V, V
OUT
= 1V, I
OUT
= 0A, V
LDO
= V
5V
= ENL = 5V, EN/PSV= float
Enabled Loaded Output — Power Good True
(500mV/div)
(10V/div)
(5V/div)
V
IN
= 12V, V
OUT
= 1V, I
OUT
= 1A, V
LDO
= V
5V
= ENL = 5V. EN/PSV= 5V
Time (1ms/div)
Typical Characteristics (continued)
Characteristics in this section are based on using the Typical Application Circuit on page 2 (SC414/SC424).
Powersave Mode — No Load (SC424)
Time (10ms/div)
(50mV/div)
(5V/div)
V
IN
= 12V, V
OUT
= 1V, I
OUT
= 0A, V
LDO
= V
5V
= EN/PSV= ENL = 5V
Time (10ms/div)
Self-Biased Start-Up — Power Good True
(500mV/div)
(10V/div)
(5V/div)
V
IN
= 0V to 12V step, V
OUT
= 1V, I
OUT
= 0A, V
LDO
= V
5V
= EN/PSV= ENL = 5V
(2V/div)
Output Over-current Response — Normal Operation
Time (100μs/div)
(500mV/div)
(5V/div)
(5V/div)
(5A/div)
V
IN
= 12V, V
OUT
= 1V, V
LDO
= V
5V
= ENL = 5V, EN/PSV= floating; I
OUT
ramped to trip point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com