Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC414 Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC414
Description  6A Integrated FET Regulator with 5V LDO
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC414 Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC414 Datasheet HTML 15Page - Semtech Corporation SC414 Datasheet HTML 16Page - Semtech Corporation SC414 Datasheet HTML 17Page - Semtech Corporation SC414 Datasheet HTML 18Page - Semtech Corporation SC414 Datasheet HTML 19Page - Semtech Corporation SC414 Datasheet HTML 20Page - Semtech Corporation SC414 Datasheet HTML 21Page - Semtech Corporation SC414 Datasheet HTML 22Page - Semtech Corporation SC414 Datasheet HTML 23Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
SC414/SC424
19
During soft-start the regulator turns off the low-side
MOSFET on any cycle if the inductor current falls to zero.
This prevents negative inductor current, allowing the
device to start into a pre-biased output. This soft start
operation is implemented even if FCM is selected. FCM
operation is allowed only after PGOOD is high.
Power Good Output
The power good (PGOOD) output is an open-drain output
which requires a pull-up resistor. When the output voltage
is 10% below the nominal voltage, PGOOD is pulled low. It
is held low until the output voltage returns to the nominal
voltage. PGOOD is held low during start-up and will not
be allowed to transition high until soft-start is completed
(when V
FB
reaches 750mV) and typically 4ms has passed.
PGOOD will transition low if the V
FB
pin exceeds +20% of
nominal, which is also the over-voltage shutdown thresh-
old (900mV). PGOOD also pulls low if the EN/PSV pin is
low when V5V is present.
Output Over-Voltage Protection
Over-Voltage Protection (OVP) becomes active as soon as
the device is enabled. The threshold is set at 750mV + 20%
(900mV). When V
FB
exceeds the OVP threshold, DL latches
high and the low-side MOSFET is turned on. DL remains
high and the controller remains off, until the EN/PSV input
is toggled or V5V is cycled. There is a 5μs delay built into
the OVP detector to prevent false transitions. PGOOD is
also low after an OVP event.
Output Under-Voltage Protection
When V
FB
falls to 75% of its nominal voltage (falls to
562.5mV) for eight consecutive clock cycles, the switcher
is shut off and the DH and DL drives are pulled low to turn
off the MOSFETs. The controller stays off until EN/PSV is
toggled or V5V is cycled.
V5V UVLO, and POR
Under-Voltage Lock-Out (UVLO) circuitry inhibits switch-
ing and tri-states the DH/DL drivers until V5V rises above
2.9V. An internal Power-On Reset (POR) occurs when V5V
exceeds 2.9V, which resets the fault latch and soft-start
counter to begin the soft-start cycle. The SC414/SC424
then begins a soft-start cycle. The PWM will shut off if V5V
falls below 2.7V.
LDO Regulator
The device features an integrated LDO regulator with a
fixed output voltage of 5V. There is also an enable pin
(ENL) for the LDO that provides independent control. The
LDO voltage can also be used to provide the bias voltage
for the switching regulator.
A minimum capacitance of 1μF referenced to AGND is
normally required at the output of the LDO for stability. If
the LDO is providing bias power to the device, then a
minimum 0.1μF capacitor referenced to AGND is required,
along with a minimum 1μF capacitor referenced to PGND
to filter the gate drive pulses. Refer to the layout guide-
lines section.
LDO Start-up
Before start-up, the LDO checks the status of the following
signals to ensure proper operation can be maintained.
ENL pin
VLDO output
V
IN
input voltage
When the ENL pin is high, the LDO will begin start-up, see
Figure 10. During the initial phase, when the LDO output
voltage is near zero, the LDO initiates a current-limited
start-up (typically 85mA) to charge the output capacitor.
When V
LDO
has reached 90% of the final value, the LDO
current limit is increased to ~200mA and the LDO output
is quickly driven to the nominal value by the internal LDO
regulator.
VVLDO Final
90% of VVLDO Final
Constant current startup
Voltage regulating with
~200mA current limit
Figure 10 — LDO Start-Up
1.
2.
3.
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com