Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC414 Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC414
Description  6A Integrated FET Regulator with 5V LDO
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC414 Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC414 Datasheet HTML 14Page - Semtech Corporation SC414 Datasheet HTML 15Page - Semtech Corporation SC414 Datasheet HTML 16Page - Semtech Corporation SC414 Datasheet HTML 17Page - Semtech Corporation SC414 Datasheet HTML 18Page - Semtech Corporation SC414 Datasheet HTML 19Page - Semtech Corporation SC414 Datasheet HTML 20Page - Semtech Corporation SC414 Datasheet HTML 21Page - Semtech Corporation SC414 Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
SC414/SC424
18
FB
threshold
High-side
Drive (DH)
Low-side
Drive (DL)
VOUT drifts up to due to leakage
current flowing into COUT
DH and DL off
DL turns on when Smart
PSAVE threshold is reached
Smart Power Save
Threshold (825mV)
DL turns off when FB
threshold is reached
Single DH on-time pulse
after DL turn-off
VOUT discharges via inductor
and low-side MOSFET
Normal DL pulse after DH
on-time pulse
Normal VOUT ripple
Figure 7 — Smart Power-save
Current Limit Protection
The device features programmable current limiting, which
is accomplished by using the RDS
ON
of the lower MOSFET
for current sensing. The current limit is set by R
ILIM
resistor.
The R
ILIM
resistor connects from the ILIM pin to the LXS pin
which is also the drain of the low-side MOSFET. When the
low-side MOSFET is on, an internal ~8μA current flows
from the ILIM pin and through the R
ILIM
resistor, creating a
voltage drop across the resistor. While the low-side
MOSFET is on, the inductor current flows through it and
creates a voltage across the RDS
ON
. The voltage across the
MOSFET is negative with respect to ground. If this MOSFET
voltage drop exceeds the voltage across R
ILIM
, the voltage
at the ILIM pin will be negative and current limit will acti-
vate. The current limit then keeps the low-side MOSFET on
and will not allow another high-side on-time, until the
current in the low-side MOSFET reduces enough to bring
the ILIM voltage to zero. This method regulates the induc-
tor valley current at the level shown by ILIM in Figure 8.
Time
IPEAK
ILOAD
ILIM
Figure 8 — Valley Current Limit
Setting the valley current limit to 6A results in a peak
inductor current of 6A plus peak ripple current. In this situ-
ation, the average (load) current through the inductor is
6A plus one-half the peak-to-peak ripple current.
The internal 8μA current source is temperature compen-
sated at 4100ppm in order to provide tracking with the
RDS
ON
.
The
R
ILIM value is calculated by the following equation.
R
ILIM = 1250 x ILIM x [0.088 x (5V - V5V) + 1]
When selecting a value for R
ILIM
do not exceed the absolute
maximum voltage value for the ILIM pin. Note that because
the low-side MOSFET with low RDS
ON
is used for current
sensing, the PCB layout, solder connections, and PCB con-
nection to the LX node must be done carefully to obtain
good results. R
ILIM
should be connected directly to LXS
(pin 24).
Soft-Start of PWM Regulator
Soft-start is achieved in the PWM regulator by using an
internal voltage ramp as the reference for the FB compara-
tor. The voltage ramp is generated using an internal
charge pump which drives the reference from zero to
750mV in ~1.8mV increments, using an internal ~500kHz
oscillator. When the ramp voltage reaches 750mV, the
ramp is ignored and the FB comparator switches over to a
fixed 750mV threshold. During soft-start the output
voltage tracks the internal ramp, which limits the start-up
inrush current and provides a controlled soft-start profile
for a wide range of applications. Typical soft-start ramp
time is 1.7ms.
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com