Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC414 Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC414
Description  6A Integrated FET Regulator with 5V LDO
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC414 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC414 Datasheet HTML 12Page - Semtech Corporation SC414 Datasheet HTML 13Page - Semtech Corporation SC414 Datasheet HTML 14Page - Semtech Corporation SC414 Datasheet HTML 15Page - Semtech Corporation SC414 Datasheet HTML 16Page - Semtech Corporation SC414 Datasheet HTML 17Page - Semtech Corporation SC414 Datasheet HTML 18Page - Semtech Corporation SC414 Datasheet HTML 19Page - Semtech Corporation SC414 Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
SC414/SC424
16
is recommended to force 33% of the V5V voltage on the
EN/PSV pin to operate in forced continuous mode.
When EN/PSV is high (above 45% of the voltage at V5V)
for SC414, the switching regulator turns on with ultrasonic
power-save enabled. The SC414 ultrasonic power-save
operation maintains a minimum switching frequency of
25kH z, for applications with stringent audio
requirements.
When EN/PSV is high (above 45% of the voltage at V5V)
for SC424, the switching regulator turns on with power-
save enabled. The SC424 power-save operation is designed
to maximize efficiency at light loads with no minimum
frequency limits. This makes the SC424 an excellent choice
for portable and battery-operated systems.
The ENL input is used to control the internal LDO. This
input provides a second function by acting as a V
IN
ULVO
sensor for the switching regulator. When ENL is low
(grounded), the LDO is off. When ENL is a logic high but
below the V
IN
UVLO threshold (2.6V typical), then the LDO
is on and the switcher is off. When ENL is above the V
IN
UVLO threshold, the LDO is enabled and the switcher is
also enabled if the EN/PSV pin is not grounded.
Forced Continuous Mode Operation
The SC414/SC424 operates the switcher in Forced
Continuous Mode (FCM) by floating the EN/PSV pin (see
Figure 4). In this mode of operation, the MOSFETs are
turned on alternately to each other with a short dead time
between them to avoid cross conduction. This feature
results in uniform frequency across the full load range
with the trade-off being poor efficiency at light loads due
to the high-frequency switching of the MOSFETs.
For V5V < 4.5V, it is recommended to force 33% of the V5V
voltage on the EN/PSV pin to operate in forced continuous
mode.
FB Ripple
Voltage (VFB)
FB threshold
DL
DH
Inductor
Current
DC Load Current
DH on-time is triggered when
VFB reaches the FB Threshold.
(750mV)
On-time
(TON)
DL drives high when on-time is completed.
DL remains high until VFB falls to the FB threshold.
Figure 4 — Forced Continuous Mode Operation
Ultrasonic Power-save Operation (SC414)
The SC414 provides ultrasonic power-save operation at
light loads, with the minimum operating frequency fixed
at slightly under 25kHz. This is accomplished by using an
internal timer that monitors the time between consecu-
tive high-side gate pulses. If the time exceeds 40μs, DL
drives high to turn the low-side MOSFET on. This draws
current from V
OUT
through the inductor, forcing both V
OUT
and V
FB
to fall. When V
FB
drops to the 750mV threshold, the
next DH (the drive signal for the high side FET) on-time is
triggered. After the on-time is completed the high-side
MOSFET is turned off and the low-side MOSFET turns on.
The low-side MOSFET remains on until the inductor
current ramps down to zero, at which point the low-side
MOSFET is turned off.
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com