Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC414 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC414
Description  6A Integrated FET Regulator with 5V LDO
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC414 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC414 Datasheet HTML 8Page - Semtech Corporation SC414 Datasheet HTML 9Page - Semtech Corporation SC414 Datasheet HTML 10Page - Semtech Corporation SC414 Datasheet HTML 11Page - Semtech Corporation SC414 Datasheet HTML 12Page - Semtech Corporation SC414 Datasheet HTML 13Page - Semtech Corporation SC414 Datasheet HTML 14Page - Semtech Corporation SC414 Datasheet HTML 15Page - Semtech Corporation SC414 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
SC414/SC424
12
Pin Descriptions
Pin #
Pin Name
Pin Function
1FB
Feedback input for switching regulator used to program the output voltage — connect to an external resis-
tor divider from VOUT to AGND.
2
V5V
Bias input for internal analog circuits and gate drives — connect to external 3V or 5V supply or bias connec-
tion to VLDO.
3, 26, PAD 1
AGND
Analog ground
4
VOUT
Switcher output voltage sense pin, and also the input to the internal switch-over between VOUT and VLDO.
5, 8-11
PAD 2
VIN
Input supply voltage
6
VLDO
5V LDO output
7
BST
Bootstrap pin — connect a capacitor from BST to LXBST to develop the floating supply for the high-side gate
drive.
12
LXBST
LX Boost — connect to the BST capacitor.
15,20, 21,
PAD 3
LX
Switching (phase) node
13, 14, 16-19
PGND
Power ground
22
PGOOD
Open-drain power good indicator — high impedance indicates power is good. An external pull-up
resistor is required.
23
ILIM
Current limit sense pin — used to program the current limit by connecting a resistor from ILIM to LXS.
24
LXS
LX sense — connects to RILIM resistor
25
EN/PSV
Enable/power save input for the switching regulator — connect to AGND to disable the switching regula-
tor. Float to operate in forced continuous mode (power save disabled). For SC414, connect to V5V to operate
with ultrasonic power save mode enabled. For SC424, connect to V5V to operate with power save mode
enabled with no minimum frequency.
27
TON
On-time programming input — set the on-time by connecting through a resistor to AGND
28
ENL
Enable input for the LDO — connect ENL to AGND to disable the LDO. Drive with logic to +3V for logic con-
trol, or program the VIN UVLO with a resistor divider between VIN, ENL, and AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com