Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC414 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC414
Description  6A Integrated FET Regulator with 5V LDO
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC414 Datasheet(HTML) 1 Page - Semtech Corporation

  SC414 Datasheet HTML 1Page - Semtech Corporation SC414 Datasheet HTML 2Page - Semtech Corporation SC414 Datasheet HTML 3Page - Semtech Corporation SC414 Datasheet HTML 4Page - Semtech Corporation SC414 Datasheet HTML 5Page - Semtech Corporation SC414 Datasheet HTML 6Page - Semtech Corporation SC414 Datasheet HTML 7Page - Semtech Corporation SC414 Datasheet HTML 8Page - Semtech Corporation SC414 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
© 2009 Semtech Corporation
1
SC414/SC424
6A Integrated FET Regulator
with 5V LDO
Features
Input voltage — 3V to 28V
Internal power MOSFETs — 6A
Integrated bootstrap switch
Smart power-save protection
Integrated 5V, 150mA LDO with bypass capability
TC compensated R
DS(ON)
sensed current limit
Pseudo-fixed frequency adaptive on-time control
Designed for use with ceramic capacitors
Programmable V
IN
UVLO threshold
Independent enable for switcher and LDO
Selectable ultrasonic power-save (SC414)
Selectable power-save (SC424)
Internal soft-start and soft-shutdown at output
Internal reference — 1% tolerance
Over-voltage and under-voltage fault protection
Power good output
SmartDriveTM
Lead-free 4x4mm, 28 Pin MLPQ package
Fully WEEE and RoHS compliant, and halogen free
Applications
Notebook, desktop, tablet, and server computers
Networking and telecommunication equipment
Printers, DSL, and STB applications
Embedded applications
Power supply modules
Point of load power supplies
Description
The SC414/SC424 is a stand-alone synchronous buck regu-
lated power supply. It features integrated power MOSFETs,
a bootstrap switch, and a 5V LDO in a space-saving MLPQ-
4x4mm 28-pin package. The device is highly efficient and
uses minimal PCB area. It uses pseudo-fixed frequency
adaptive on-time operation to provide fast transient
response.
The SC414/SC424 supports using standard capacitor types
such as electrolytic or special polymer, in addition to
ceramic, at switching frequencies up to 1MHz. The pro-
grammable frequency, synchronous operation, and select-
able power-save provide high efficiency operation over a
wide load range.
Additional features include cycle-by-cycle current limit,
soft-start, under and over-voltage protection, program-
mable over-current protection, soft shutdown, and select-
able power-save. The device also provides separate enable
inputs for the PWM controller and LDO as well as a power
good output for the PWM controller.
The input voltage can range from 3V to 28V. The wide
input voltage range, programmable frequency, and 5V
LDO make the device extremely flexible and easy to use in
a broad range of applications. It can be used for single cell
or multi-cell battery systems in addition to traditional DC
power supply applications.
The 5V LDO or an external 3.3V to 5V supply can be used
to provide the bias voltage for the SC414/SC424. When
the SC414/SC424 is used as a 5V output switching regula-
tor, the 5V LDO can be used as an initial bias supply for the
device. Once the switch regulator output is in the switch
over range, the LDO will be bypassed by the switcher
output for optimum efficiency.
September 11, 2009
POWER MANAGEMENT


Similar Part No. - SC414

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC410 SEMTECH-SC410 Datasheet
614Kb / 26P
3A EcoSpeed TM Step-Down Regulator with LDO and Ultrasonic Power Save
SC410A SEMTECH-SC410A Datasheet
807Kb / 26P
2A EcoSpeed Step-Down Regulator with LDO and Power Save
SC410AEVB SEMTECH-SC410AEVB Datasheet
807Kb / 26P
2A EcoSpeed Step-Down Regulator with LDO and Power Save
SC410AMLTRT SEMTECH-SC410AMLTRT Datasheet
807Kb / 26P
2A EcoSpeed Step-Down Regulator with LDO and Power Save
SC410EVB SEMTECH-SC410EVB Datasheet
614Kb / 26P
3A EcoSpeed TM Step-Down Regulator with LDO and Ultrasonic Power Save
More results

Similar Description - SC414

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC417 SEMTECH-SC417 Datasheet
546Kb / 29P
10A Integrated FET Regulator with Programmable LDO
logo
EM Microelectronic - MA...
EM6156 EMMICRO-EM6156 Datasheet
492Kb / 11P
5V 120mA Automotive LDO Regulator with Watchdog
logo
Semtech Corporation
SC403 SEMTECH-SC403 Datasheet
715Kb / 32P
6A EcoSpeedTM Integrated FET Regulator with Programmable LDO
SC417 SEMTECH-SC417_09 Datasheet
595Kb / 30P
10A Integrated FET Regulator with Programmable LDO
SC401B SEMTECH-SC401B Datasheet
1Mb / 32P
15A Integrated FET Regulator with Programmable LDO
SC402B SEMTECH-SC402B Datasheet
1Mb / 32P
10A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
SC403B SEMTECH-SC403B Datasheet
846Kb / 32P
6A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
SC9301 SEMTECH-SC9301 Datasheet
1Mb / 29P
10A EcoSpeed짰 Integrated FET Regulator with 5V LDO and Hiccup Restart
logo
Richtek Technology Corp...
RT6226A RICHTEK-RT6226A Datasheet
435Kb / 26P
6A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
September 2019
RT6316B RICHTEK-RT6316B Datasheet
405Kb / 25P
6A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com