Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC414 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC414
Description  6A Integrated FET Regulator with 5V LDO
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC414 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC414 Datasheet HTML 9Page - Semtech Corporation SC414 Datasheet HTML 10Page - Semtech Corporation SC414 Datasheet HTML 11Page - Semtech Corporation SC414 Datasheet HTML 12Page - Semtech Corporation SC414 Datasheet HTML 13Page - Semtech Corporation SC414 Datasheet HTML 14Page - Semtech Corporation SC414 Datasheet HTML 15Page - Semtech Corporation SC414 Datasheet HTML 16Page - Semtech Corporation SC414 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
SC414/SC424
13
Block Diagram
Reference
Soft Start
FB
AGND
On- time
Generator
Control & Status
PGOOD
Gate Drive
Control
VIN
PGND
TON
VOUT
Zero Cross Detector
ILIM
ENL
VLDO Switchover MUX
A
Y
B
LDO
VLDO
BST
FB Comparator
V5V
-
EN/PSV
Bypass Comparator
Bypass Comparator
DL
A
7
3
28
6
4
27
1
2
22
25
A = connected to pins 5, 8-11, PAD 2
B = connected to pins 15, 20, 21, PAD 3
C = connected to pins 13, 14, 16-19
D = connect to pins 3, 26, PAD 1
C
D
VIN
V5V
V5V
V5V
VIN
Bootstrap
Switch
Lo-side
MOSFET
Hi-side
MOSFET
Valley Current Limit
LX
B
LXBST
12
LXS
24
DL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com