Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC414 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC414
Description  6A Integrated FET Regulator with 5V LDO
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC414 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC414 Datasheet HTML 4Page - Semtech Corporation SC414 Datasheet HTML 5Page - Semtech Corporation SC414 Datasheet HTML 6Page - Semtech Corporation SC414 Datasheet HTML 7Page - Semtech Corporation SC414 Datasheet HTML 8Page - Semtech Corporation SC414 Datasheet HTML 9Page - Semtech Corporation SC414 Datasheet HTML 10Page - Semtech Corporation SC414 Datasheet HTML 11Page - Semtech Corporation SC414 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
SC414/SC424
8
Typical Characteristics
Efficiency vs. Load — Forced Continuous Mode
IOUT (A)
0
20
40
60
80
100
0.001
0.01
0.1
1
10
Characteristics in this section are based on using the Typical Application Circuit on page 2 (SC414/SC424).
Efficiency vs. Load — Powersave Mode (SC414)
IOUT (A)
0
20
40
60
80
100
0.001
0.01
0.1
1
10
V
OUT vs. Load — Forced Continuous Mode
IOUT (A)
0.95
0.97
0.99
1.01
1.03
1.05
0.001
0.01
0.1
1
10
Efficiency vs. Load — Powersave Mode (SC414)
IOUT (A)
0
20
40
60
80
100
0.001
0.01
0.1
110
5V Bias
3V Bias
Efficiency vs. Load — Powersave Mode (SC424)
Efficiency vs. Load — Powersave Mode (SC424)
IOUT (A)
0
20
40
60
80
100
0.001
0.01
0.1
110
5V Bias
3V Bias
IOUT (A)
0
20
40
60
80
100
0.001
0.01
0.1
1
10
Internally biased at V
LDO
= 5V, V
IN
= 12V, V
OUT
= 1V
Externally biased, V
IN
= 12V, V
OUT
= 1V
Externally biased, V
IN
= 12V, V
OUT
= 1V
Internally biased at V
LDO
= 5V, V
IN
= 12V, V
OUT
= 1V
Internally biased at V
LDO
= 5V, V
IN
= 12V, V
OUT
= 1V
Internally biased at V
LDO
= 5V, V
IN
= 12V, V
OUT
= 1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com