Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC414 Datasheet(PDF) 22 Page - Semtech Corporation

Part # SC414
Description  6A Integrated FET Regulator with 5V LDO
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC414 Datasheet(HTML) 22 Page - Semtech Corporation

Back Button SC414 Datasheet HTML 18Page - Semtech Corporation SC414 Datasheet HTML 19Page - Semtech Corporation SC414 Datasheet HTML 20Page - Semtech Corporation SC414 Datasheet HTML 21Page - Semtech Corporation SC414 Datasheet HTML 22Page - Semtech Corporation SC414 Datasheet HTML 23Page - Semtech Corporation SC414 Datasheet HTML 24Page - Semtech Corporation SC414 Datasheet HTML 25Page - Semtech Corporation SC414 Datasheet HTML 26Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
SC414/SC424
22
Applications Information (continued)
There are two values of load current to evaluate — con-
tinuous load current and peak load current. Continuous
load current relates to thermal stresses which drive the
selection of the inductor and input capacitors. Peak load
current determines instantaneous component stresses and
filtering requirements such as inductor saturation, output
capacitors, and design of the current limit circuit.
The following values are used in this design.
V
IN
= 12V + 10%
V
OUT
= 1V + 4%
f
SW
= 250kHz
Load = 6A maximum
Frequency Selection
Selection of the switching frequency requires making a
trade-off between the size and cost of the external filter
components (inductor and output capacitor) and the
power conversion efficiency.
The desired switching frequency is 250kHz which results
from using components selected for optimum size and
cost .
A resistor (R
TON
) is used to program the on-time (indirectly
setting the frequency) using the following equation.
OUT
IN
SW
TON
V
V
400
f
pF
25
1
R
To select R
TON
, use the maximum value for V
IN
, and for T
ON
use the value associated with maximum V
IN
.
SW
INMAX
OUT
ON
f
V
V
T
T
ON = 303 ns at 13.2VIN, 1VOUT, 250kHz
Substituting for R
TON
results in the following solution.
R
TON = 130.9kΩ, use RTON = 130kΩ
Inductor Selection
In order to determine the inductance, the ripple current
must first be defined. Low inductor values result in smaller
size but create higher ripple current which can reduce
efficiency. Higher inductor values will reduce the ripple
current/voltage and for a given DC resistance are more
•
•
•
•
efficient. However, larger inductance translates directly
into larger packages and higher cost. Cost, size, output
ripple, and efficiency are all used in the selection process.
The ripple current will also set the boundary for power-
save operation. The switching will typically enter power-
save mode when the load current decreases to 1/2 of the
ripple current. For example, if ripple current is 4A then
Power-save operation will typically start for loads less than
2A. If ripple current is set at 40% of maximum load current,
then power-save will start for loads less than 20% of
maximum current.
The inductor value is typically selected to provide a ripple
current that is between 25% to 50% of the maximum load
current. This provides an optimal trade-off between cost,
efficiency, and transient performance.
During the DH on-time, voltage across the inductor is
(V
IN
- V
OUT
). The equation for determining inductance is
shown next.
RIPPLE
ON
OUT
IN
I
T
)
V
V
(
L
Example
In this example, the inductor ripple current is set equal to
50% of the maximum load current. Therefore ripple
current will be 50% x 6A or 3A. To find the minimum
inductance needed, use the V
IN
and T
ON
values that corre-
spond to V
INMAX
.
H
26
.
1
A
3
ns
318
)
V
1
V
2
.
13
(
L
A slightly larger value of 1.5μH is selected. This will
decrease the maximum I
RIPPLE
to 2.53A.
Note that the inductor must be rated for the maximum DC
load current plus 1/2 of the ripple current.
The ripple current under minimum V
IN
conditions is also
checked using the following equations.
ns
311
ns
10
V
V
R
pF
25
T
INMIN
OUT
TON
VINMIN
_
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com