Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC414 Datasheet(PDF) 27 Page - Semtech Corporation

Part # SC414
Description  6A Integrated FET Regulator with 5V LDO
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC414 Datasheet(HTML) 27 Page - Semtech Corporation

Back Button SC414 Datasheet HTML 21Page - Semtech Corporation SC414 Datasheet HTML 22Page - Semtech Corporation SC414 Datasheet HTML 23Page - Semtech Corporation SC414 Datasheet HTML 24Page - Semtech Corporation SC414 Datasheet HTML 25Page - Semtech Corporation SC414 Datasheet HTML 26Page - Semtech Corporation SC414 Datasheet HTML 27Page - Semtech Corporation SC414 Datasheet HTML 28Page - Semtech Corporation SC414 Datasheet HTML 29Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
SC414/SC424
27
Applications Information (continued)
All other decoupling capacitors must be located
as close as possible to the IC.
PGND Plane
PGND requires its own copper plane with no
other signal traces routed on it.
Copper planes, multiple vias, and wide traces are
needed to connect PGND to input capacitors,
output capacitors, and the PGND pins on the IC.
The PGND copper area between the input
capacitors, output capacitors, and PGND pins
must be as small as and as compact as possible
to reduce the area of the PCB that is exposed to
noise due to current flow on this node.
Connect PGND to AGND with a short trace or
0Ω resistor. This connection should be as close
to the IC as possible.
AGND Island
AGND should have its own island of copper with
no other signal traces routed on this layer that
connects the AGND pins and pad of the IC to the
analog control components.
All of the components for the analog control cir-
cuitry should be located so that the connections
to AGND are done by wide copper traces or vias
down to AGND.
Connect PGND to AGND with a short trace or 0Ω
resistor. This connection should be as close to
the IC as possible.
FB, VOUT, and Other Analog Control Signals
The connection from the V
OUT
power to the
analog control circuitry must be routed from the
output capacitors and located on a quiet layer.
The traces between VOUT and the analog control
circuitry (VOUT, and FB pins) must be short and
routed away from noise sources, such as BST, LX,
VIN, and PGND between the input capacitors,
output capacitors, and the IC.
ILIM and TON nodes must be as short as possible
to ensure the best accuracy in current limit and
on time.
•
•
•
•
•
•
•
•
•
•
•
R
ILIM
should be close to the IC and connected to
LXS with a Kelvin trace to pin 24 on the IC. This
will be a sufficient connection and will prevent
the need to connect the resistor further into the
LX plane.
The feedback components for the switcher need
to be as close to the FB pin of the IC as possible
to reduce the possibility of noise corrupting
these analog signals.
BST, ILIM and LX
LX and BST are very noisy nodes and must be
carefully routed to minimized the PCB area that
is exposed to these signals.
The connections for
the boost capacitor
between the IC and LX must be short and directly
connected to the LXBST (pin 12).
The connections for the current limit resistor
between the ILIM pin and LX must be as short as
possible and directly connected to pin 24 (LXS).
The LX node between the IC and the inductor
should be wide enough to handle the inductor
current and short enough to eliminate the pos-
sibility of LX noise corrupting other signals.
Multiple vias should be used to provide a good
connection to LX between the IC and the
inductor.
Capacitors and Current Loops
The current loops between the input capacitors,
the IC, the inductor, and the output capacitors
must be as close as possible to each other to
reduce IR drop across the copper.
All bypass and output capacitors must be con-
nected as close as possible to the respective pin
on the IC.
•
•
•
•
•
•
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com