Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC414 Datasheet(PDF) 24 Page - Semtech Corporation

Part # SC414
Description  6A Integrated FET Regulator with 5V LDO
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC414 Datasheet(HTML) 24 Page - Semtech Corporation

Back Button SC414 Datasheet HTML 20Page - Semtech Corporation SC414 Datasheet HTML 21Page - Semtech Corporation SC414 Datasheet HTML 22Page - Semtech Corporation SC414 Datasheet HTML 23Page - Semtech Corporation SC414 Datasheet HTML 24Page - Semtech Corporation SC414 Datasheet HTML 25Page - Semtech Corporation SC414 Datasheet HTML 26Page - Semtech Corporation SC414 Datasheet HTML 27Page - Semtech Corporation SC414 Datasheet HTML 28Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
SC414/SC424
24
Applications Information (continued)
This causes the output current to move from 6A to 0A in
4.8μs, giving the minimum output capacitance require-
ment shown in the following equation.
V
1
V
05
.
1
2
s
1
A
25
.
1
A
6
V
1
A
26
.
7
H
5
.
1
A
26
.
7
C
OUT
F
443
C
OUT
Note that C
OUT
is much smaller in this example, 443μF
compared to 772μF based on a worst-case load release. To
meet the two design criteria of minimum 443μF and
maximum 15mΩ ESR, select two capacitors rated at 220μF
and 15mΩ ESR or less.
It is recommended that an additional small capacitor be
placed in parallel with C
OUT
in order to filter high frequency
switching noise.
Stability Considerations
Unstable operation is possible with adaptive on-time con-
trollers, and usually takes the form of double-pulsing or
ESR loop instability.
Double-pulsing occurs due to switching noise seen at the
FB input or because the FB ripple voltage is too low. This
causes the FB comparator to trigger prematurely after the
minimum off-time has expired. In extreme cases the noise
can cause three or more successive on-times. Double-
pulsing will result in higher ripple voltage at the output,
but in most applications it will not affect operation. This
form of instability can usually be avoided by providing the
FB pin with a smooth, clean ripple signal that is at least
10mVp-p, which may dictate the need to increase the ESR
of the output capacitors. It is also imperative to provide a
proper PCB layout as discussed in the Layout Guidelines
section.
Another way to eliminate doubling-pulsing is to add a
small (~ 10pF) capacitor across the upper feedback resis-
tor, as shown in Figure 13. This capacitor should be left
unpopulated unless it can be confirmed that double-
pulsing exists. Adding the C
TOP
capacitor will couple more
ripple into FB to help eliminate the problem. An optional
connection on the PCB should be available for this
capacitor.
VOUT
To FB pin
R2
R1
CTOP
Figure 13 — Capacitor Coupling to FB Pin
ESR loop instability is caused by insufficient ESR. The
details of this stability issue are discussed in the ESR
Requirements section. The best method for checking sta-
bility is to apply a zero-to-full load transient and observe
the output voltage ripple envelope for overshoot and
ringing. Ringing for more than one cycle after the initial
step is an indication that the ESR should be increased.
One simple way to solve this problem is to add trace resis-
tance in the high current output path. A side effect of
adding trace resistance is a decrease in load regulation.
ESR Requirements
A minimum ESR is required for two reasons. One reason is
to generate enough output ripple voltage to provide
10mVp-p at the FB pin (after the resistor divider) to avoid
double-pulsing.
The second reason is to prevent instability due to insuffi-
cient ESR. The on-time control regulates the valley of the
output ripple voltage. This ripple voltage is the sum of the
two voltages. One is the ripple generated by the ESR, the
other is the ripple due to capacitive charging and dis-
charging during the switching cycle. For most applica-
tions, the total output ripple voltage is dominated by the
output capacitors, typically SP or POSCAP devices. For
stability the ESR zero of the output capacitor should be
lower than approximately one-third the switching fre-
quency. The formula for minimum ESR is shown by the
following equation.
sw
OUT
MIN
f
C
2
3
SR
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com