Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC402B Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC402B
Description  10A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC402B Datasheet(HTML) 1 Page - Semtech Corporation

  SC402B Datasheet HTML 1Page - Semtech Corporation SC402B Datasheet HTML 2Page - Semtech Corporation SC402B Datasheet HTML 3Page - Semtech Corporation SC402B Datasheet HTML 4Page - Semtech Corporation SC402B Datasheet HTML 5Page - Semtech Corporation SC402B Datasheet HTML 6Page - Semtech Corporation SC402B Datasheet HTML 7Page - Semtech Corporation SC402B Datasheet HTML 8Page - Semtech Corporation SC402B Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
© 2011 Semtech Corporation
1
Features
Power System
Input voltage — 3V to 28V
Bias voltage — 3V to 5.5V LDO or external
Up to 96% peak efficiency
Integrated bootstrap switch
Programmable LDO output — 200mA
Reference tolerance — 1% T
J= -40 to +125 °C
Programmable soft start time
Logic Input/Output Control
Independent EN controls for LDO and switcher
Programmable V
IN UVLO threshold
Power good output
Selectable PSAVE or FCM mode
Protection
Over-voltage and under-voltage
TC compensated R
DS(ON) sensed current limit
Thermal Shutdown
Output Capacitor Types
High ESR — SP, POSCAP, OSCON
Ceramic capacitors
Package
Lead-free package — 5x5mm, 32-Pin MLPQ
RoHS/WEEE compliant and Halogen free
Applications
Networking and telecommunication equipment
Printers, DSL, and STB applications
Embedded systems and power supply modules
Point of load power supplies
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
Description
The SC402B is a stand-alone synchronous EcoSpeed® buck
power supply which incorporates Semtech’s advanced
patented adaptive on-time control architecture. This pro-
vides excellent light-load efficiency and fast transient
response. It features integrated power MOSFETs, a boot-
strap switch, and a programmable LDO in a 5x5mm
package. The device is highly efficient and uses minimal
PCB area. The SC402B has the same package and pin con-
figuration as the entire SC40x series for compatibility.
The SC402B supports using standard capacitor types such
as electrolytic or specialty polymer, in addition to ceramic,
at switching frequencies up to 1MHz. The programmable
frequency, synchronous operation, and selectable power-
save provide high efficiency operation over a wide load
range.
Additional features include a programmable soft-start,
programmable cycle-by-cycle over-current limit protec-
tion, under-voltage and over-voltage protection, soft
shutdown, and selectable power-save operation. The
device also provides separate enable inputs for the PWM
controller and LDO as well as a power good output for the
PWM controller.
The wide input and programmable frequency make the
device extremely flexible and easy to use in a broad range
of applications.
Rev. 2.1
POWER MANAGEMENT
RTON
SC402B
FB
VOUT
VDD
VIN
SS
BST
LX
PGOOD
ILIM
LXS
EN/PSV
ENL
RILIM
CBST
ENABLE/PSAVE
ENABLE LDO
VEXT/LDO
+
RFB1
RFB2
VOUT
COUT
L1
CIN
VIN
PGOOD
TON
1µF
CSOFT
10Ω
Typical Application Circuit
SC402B
10A EcoSpeed® Integrated FET
Regulator with Programmable LDO


Similar Part No. - SC402B

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC4020FH BEL-SC4020FH Datasheet
777Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC4020FH-100 BEL-SC4020FH-100 Datasheet
777Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC4020FH-101 BEL-SC4020FH-101 Datasheet
777Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC4020FH-150 BEL-SC4020FH-150 Datasheet
777Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC4020FH-1R0 BEL-SC4020FH-1R0 Datasheet
777Kb / 1P
SMD POWER INDUCTORS Open frame construction
More results

Similar Description - SC402B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7602 TI-PT7602 Datasheet
162Kb / 3P
3.3V INPUT 10A PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
logo
Semtech Corporation
SC417 SEMTECH-SC417 Datasheet
546Kb / 29P
10A Integrated FET Regulator with Programmable LDO
SC403 SEMTECH-SC403 Datasheet
715Kb / 32P
6A EcoSpeedTM Integrated FET Regulator with Programmable LDO
SC414 SEMTECH-SC414 Datasheet
506Kb / 29P
6A Integrated FET Regulator with 5V LDO
SC417 SEMTECH-SC417_09 Datasheet
595Kb / 30P
10A Integrated FET Regulator with Programmable LDO
SC401B SEMTECH-SC401B Datasheet
1Mb / 32P
15A Integrated FET Regulator with Programmable LDO
SC403B SEMTECH-SC403B Datasheet
846Kb / 32P
6A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
SC461 SEMTECH-SC461 Datasheet
878Kb / 31P
EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
SC508 SEMTECH-SC508 Datasheet
847Kb / 32P
EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
SC9301 SEMTECH-SC9301 Datasheet
1Mb / 29P
10A EcoSpeed짰 Integrated FET Regulator with 5V LDO and Hiccup Restart
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com