Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC6017 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC6017
Description  PNP / NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6017 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC6017 Datasheet HTML 1Page - Sanyo Semicon Device 2SC6017 Datasheet HTML 2Page - Sanyo Semicon Device 2SC6017 Datasheet HTML 3Page - Sanyo Semicon Device 2SC6017 Datasheet HTML 4Page - Sanyo Semicon Device 2SC6017 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SA2169 / 2SC6017
No.8275-1/5
Applications
•
Relay drivers, lamp drivers, motor drivers.
Features
•
Adoption of MBIT process.
•
Large current capacitance.
•
Low collector-to-emitter saturation voltage.
•
High-speed switching.
Specifications ( ) : 2SA2169
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--50)100
V
Collector-to-Emitter Voltage
VCEO
(--)50
V
Emitter-to-Base Voltage
VEBO
(--)6
V
Collector Current
IC
(--)10
A
Collector Current (Pulse)
ICP
PW
≤100µs
(--)13
A
Base Current
IB
(--)2
A
Collector Dissipation
PC
0.95
W
Tc=25
°C20
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=(--)40V, IE=0
(--)10
µA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0
(--)10
µA
DC Current Gain
hFE
VCE=(--)2V, IC=(--)1A
200
(560)700
Gain-Bandwidth Product
fT
VCE=(--)5V, IC=(--)1A
(130)200
MHz
Output Capacitance
Cob
VCB=(--)10V, f=1MHz
(90)60
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=(--)5A, IB=(--)250mA
(--290)180
(--580)360
mV
Base-to-Emitterr Saturation Voltage
VBE(sat)
IC=(--)5A, IB=(--)250mA
(--)0.93
(--)1.4
V
Continued on next page.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN8275
32505EA TS IM TB-00001269
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
2SA2169 / 2SC6017
PNP / NPN Epitaxial Planar Silicon Transistors
High-Current Switching
Applications


Similar Part No. - 2SC6017

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC6017 ONSEMI-2SC6017 Datasheet
426Kb / 10P
Bipolar Transistor (-)50V, (-)10A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
logo
Inchange Semiconductor ...
2SC6017 ISC-2SC6017 Datasheet
294Kb / 2P
Silicon NPN Power Transistor
2SC6017 ISC-2SC6017 Datasheet
287Kb / 2P
Silicon NPN Power Transistor
2SC6017-251 ISC-2SC6017-251 Datasheet
294Kb / 2P
Silicon NPN Power Transistor
2SC6017-252 ISC-2SC6017-252 Datasheet
287Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2SC6017

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5999 SANYO-2SC5999 Datasheet
37Kb / 4P
NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
2SC6043 SANYO-2SC6043 Datasheet
39Kb / 4P
NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
2SC6044 SANYO-2SC6044 Datasheet
44Kb / 4P
NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
2SC6064 SANYO-2SC6064 Datasheet
42Kb / 4P
NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
CPH3123 SANYO-CPH3123 Datasheet
59Kb / 5P
PNP / NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
2SA2192 SANYO-2SA2192 Datasheet
45Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
CPH5522 SANYO-CPH5522 Datasheet
61Kb / 5P
PNP / NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
CPH5518 SANYO-CPH5518 Datasheet
62Kb / 5P
PNP / NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
CPH5517 SANYO-CPH5517 Datasheet
49Kb / 5P
PNP / NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
F5H2101 SANYO-F5H2101 Datasheet
64Kb / 5P
PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com