Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC6017 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SC6017
Description  PNP / NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6017 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SC6017 Datasheet HTML 1Page - Sanyo Semicon Device 2SC6017 Datasheet HTML 2Page - Sanyo Semicon Device 2SC6017 Datasheet HTML 3Page - Sanyo Semicon Device 2SC6017 Datasheet HTML 4Page - Sanyo Semicon Device 2SC6017 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SA2169 / 2SC6017
No.8275-4/5
VBE(sat) -- IC
3
--1.0
2
--0.01
--0.1
--10
Ta= --25°C
25°C
2
7
5
3
23
5
7
2
--1.0
35
7
2
35
7
2SA2169
IC / IB=50
IT08975
2SC6017
IC / IB=50
VBE(sat) -- IC
IT08976
75°C
3
1.0
2
0.01
0.1
10
Ta= --25°C
25°C
2
7
5
3
23
5
7
2
1.0
35
7
2
35
7
75°C
--0.01
--0.1
23
5
7
2
3
5
7
2
3
5
7
--1.0
--10
7
5
3
2
7
5
3
2
7
5
3
2
--0.1
--1.0
--0.01
VCE(sat) -- IC
IT08973
Ta=75
°C
25°
C
--25
°C
0.01
0.1
23
5
7
2
3
5
7
2
3
5
7
1.0
10
7
5
3
2
7
5
3
2
0.1
0.01
Ta=75
°C
25
°C
--25
°C
2SA2169
IC / IB=50
VCE(sat) -- IC
IT08974
VCE(sat) -- IC
IT08972
2SC6017
IC / IB=20
--1.0
--0.1
2
3
5
7
2
3
5
7
--0.01
5
7
3
--0.01
--0.1
23
5
7
23
5
7
23
5
7
--1.0
--10
VCE(sat) -- IC
Ta=75
°C
--25
°C
IT08971
2SA2169
IC / IB=20
25
°C
1.0
0.1
2
3
5
7
2
3
5
7
0.01
5
7
3
0.01
0.1
23
5
7
23
5
7
23
5
7
1.0
10
Ta=75
°C
--25
°C
25
°C
2SC6017
IC / IB=50
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
0.01
1.0
7
5
3
2
7
5
3
2
0.1
3
10
5
7
3
2
2
IT09360
A S O
0.1
1.0
23
5
7
23
5
7
2
7
5
3
10
2SA2169 / 2SC6017
Tc=25
°C
Single Pulse
For PNP minus sign is omitted.
ICP=13A (PW≤100µs)
IC=10A
10
µs
100ms
0
0.2
0.4
0.6
0.8
1.0
0.95
0
20
40
60
80
100
120
140
160
PC -- Ta
IT09361
2SA2169 / 2SC6017
Collector-to-Emitter Voltage, VCE -- V
Ambient Temperature, Ta --
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com