Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVC-2000 Datasheet(PDF) 1 Page - Lanner All Rights Reserved.

Part # LVC-2000
Description  Fanless Vehicle PC with Intel짰Atom??E3845 Processor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANNER [Lanner All Rights Reserved.]
Direct Link  http://www.lannerinc.com/
Logo LANNER - Lanner All Rights Reserved.

LVC-2000 Datasheet(HTML) 1 Page - Lanner All Rights Reserved.

  LVC-2000 Datasheet HTML 1Page - Lanner All Rights Reserved. LVC-2000 Datasheet HTML 2Page - Lanner All Rights Reserved. LVC-2000 Datasheet HTML 3Page - Lanner All Rights Reserved. LVC-2000 Datasheet HTML 4Page - Lanner All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
connect@lannerinc.com
LVC-2000
Fanless Vehicle PC with
Intel®Atom™ E3845 Processor
Features
Fanless design and Aluminum
Enclosure
The fanless design reduces mechanical
failures and the aluminum enclosure
provides rugged protection from external
damages.
Onboard Quad-core Bay Trail
SoC
The new Intel® Atom™ 22 nm
microarchitecture SoC CPU (codenamed
“Bay Trail”) offers double the performance
and five times the energy efficiency of
the Atom™ previous generations.
Vehicle Power Ignition
Management
Detects the ignition on/off and configures
delay time with flexible setting via our
software utility.
The MIO Connector
The MIO features multiple digital I/Os,
including 2 x DI (Digital Input from MCU)
for connection with sensors to detect the
surrounding. Once an event-occurrence
is defined, LVC-2000 will be turned on
automatically by the connected sensor.
Overview
LVC-2000 is a fanless in-vehicle computer with MIL-STD-810G certified shock and
vibration resistance. Built with onboard Intel ® Atom™ processor E3845 (codenamed
“Bay Trail), the in-vehicle computer is a value time-to-market solution with enhanced
performance and low power consumption. LVC-2000 also features multiple I/O
connectivity including optional CAN bus, LAN port, GPS/G-sensor, COM ports, multiple
Digital I/Os, and mini PCI Express sockets, making it perfect for vehicle monitoring, in-
car infotainment and fleet management.
LAN
9~36V DC Input
w/ Ignition
VGA
MIO
HDMI
USB
COM2
Antenna
CAN
COM1


Similar Part No. - LVC-2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LVC-2000 ETC2-LVC-2000 Datasheet
392Kb / 4P
Fanless Vehicle PC with Intel짰Atom??E3845 Processor
More results

Similar Description - LVC-2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LVC-2000 ETC2-LVC-2000 Datasheet
392Kb / 4P
Fanless Vehicle PC with Intel짰Atom??E3845 Processor
LVC-2001 ETC2-LVC-2001 Datasheet
615Kb / 2P
Fanless Vehicle Gateway Controller with Intel짰 Atom??E3845
logo
Axiomtek Co., Ltd.
TBOX810-838-FL-E3845-RJ AXIOMTEK-TBOX810-838-FL-E3845-RJ Datasheet
469Kb / 3P
Fanless Embedded System with Intel짰 Atom??Processor E3845/E3827 for Vehicle, Railway and Marine PC
TBOX100-838-FL AXIOMTEK-TBOX100-838-FL Datasheet
574Kb / 2P
Fanless Embedded System with Intel Atom Processor E3845 for Vehicle
logo
Contec Co., Ltd
BX-220 CONTEC-BX-220 Datasheet
299Kb / 3P
BOX-PC Fanless, Atom E3845 1.91GHz
BX-320 CONTEC-BX-320 Datasheet
439Kb / 3P
BOX-PC Fanless, Atom E3845 1.9GHz
BX-956S CONTEC-BX-956S Datasheet
472Kb / 3P
BOX-PC Fanless, Atom E3845 1.91GHz
logo
Adlink Technology Inc.
MXE-1400V ADLINK-MXE-1400V Datasheet
216Kb / 2P
Intel Atom Processor E3845 SoC Fanless Embedded Computer for In-Vehicle
logo
Lanner All Rights Reser...
LVC-2001 LANNER-LVC-2001 Datasheet
179Kb / 2P
Fanless Vehicle Gateway Controller with Intel짰 Atom??E3845
logo
AAEON Technology
BOXER-6313U AAEON-BOXER-6313U Datasheet
412Kb / 2P
In-Vehicle Box PC with Intel® Atom™ E3845, 1.91 GHz Processor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com