Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVC-2000 Datasheet(PDF) 2 Page - Lanner All Rights Reserved.

Part # LVC-2000
Description  Fanless Vehicle PC with Intel짰Atom??E3845 Processor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANNER [Lanner All Rights Reserved.]
Direct Link  http://www.lannerinc.com/
Logo LANNER - Lanner All Rights Reserved.

LVC-2000 Datasheet(HTML) 2 Page - Lanner All Rights Reserved.

  LVC-2000 Datasheet HTML 1Page - Lanner All Rights Reserved. LVC-2000 Datasheet HTML 2Page - Lanner All Rights Reserved. LVC-2000 Datasheet HTML 3Page - Lanner All Rights Reserved. LVC-2000 Datasheet HTML 4Page - Lanner All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.lannerinc.com
Wide Operating Temperature
Workability
LVC-2000 is capable of working under
wide temperature from -20 to 60°C when
equipped with industrial storage devices
like SSDs.
Designed for MIL-STD-810G
with Extreme Vibration
Resistance
LVC-2000 is in compliance with MIL-STD-
810G vibration and shock standards.
Dimensions: 198 x 52 x 165 mm
198
165
52



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com