Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVC-2001 Datasheet(PDF) 1 Page - Lanner All Rights Reserved.

Part # LVC-2001
Description  Fanless Vehicle Gateway Controller with Intel짰 Atom??E3845
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANNER [Lanner All Rights Reserved.]
Direct Link  http://www.lannerinc.com/
Logo LANNER - Lanner All Rights Reserved.

LVC-2001 Datasheet(HTML) 1 Page - Lanner All Rights Reserved.

  LVC-2001 Datasheet HTML 1Page - Lanner All Rights Reserved. LVC-2001 Datasheet HTML 2Page - Lanner All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LVC-2001
Fanless Vehicle Gateway Controller
with Intel® Atom™ E3845
Features
Specifications
• Compact fanless vehicle computer with Intel® Atom™ E3845 CPU
• 1 x DDR3L SODIMM max up to 4 GB memory
• 2 x Intel® 10/100/1000 Mbps RJ-45 ports
• 3 x mini-PCIe slots with total 4 external accessible SIM slots support Wi-Fi/3G/4G LTE
• Compliant with MIL-STD-810G vibration/shock resistance
• Onboard GPS receiver module and G-sensor
Processor
CPU
Intel® Atom SoC E3845 CPU
Frequency
1.91 GHz
Core Number
4
BIOS
AMI SPI Flash BIOS
Chipset
N/A (SoC)
Fanless
Yes
Memory
Technology
DDR3L SODIMM
Max. Capacity
Max Up to 4 GB
Graphic
Controller
Intel HD Graphics
Display
VGA x 1, HDMI x1
Ethernet
Controller
2 x Intel® i210-IT
Speed
10/100/1000 Mbps
Interface
2 x RJ45
Storage
Type
1 x SATA 2.0, 1 x mSATA
Installation
1 x Internal 2.5” 9.5 mm drive bay
I/O
Serial I/O
COM1/COM2: 2 x RS-232/422/485 with RI/5V/12V
USB
1 x USB 3.0 type A, 1 x USB 2.0 type A
CAN Bus
Optional support J1939 / J1708 on COM3 port
GPS/G-sensor
u-blox NEO-7N / ADXL 345
Expansion
2x Full-size mini-PCIexpress socket (1x USB+P-
CIe+2x SIM; 1x USB+2 x SIM )
1x half-size mini-PCIexpress socket ( USB+PCIe)
Hardware Monitoring
Fintek F81865 integrated watchdog timer 1~255
level
Power
Power Input
3-pin terminal block (+,-,ignition), +9~36VDC,
ATX mode support ignition delay on/ off control
Power Output
12V/1A DC out
Power Adaptor
Optional
Environment
Operating Temperature - Industrial
-20~60°C
Operating Temperature -
Commercial
-5~45°C
Relative Humidity
5% ~ 95%, non-condensing
Mechanical
Dimension (W x H x D)
198 x 52 x 185 mm
Construction
Heavy Steel
Weight
1.8 kg
Mounting
Wall mount
Driver Support
Windows
WES7 (WS7E) /W7 Pro SP1 / WE8 STD /WIN 10
IOT/ WIN 10 IOT Retail and TC
Linux
Redhat Enterprise 5, Fedora 14, Linux Kernel
2.6.18 or later
Certification
EMC
CE/FCC Class A, E13, RoHS
Compliance
Vibration/Shock
Vibration: MIL-STD-810G, Method 514.6
Shock: MIL-STD-810G, Method 516.6


Similar Part No. - LVC-2001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LVC-2001 ETC2-LVC-2001 Datasheet
615Kb / 2P
Fanless Vehicle Gateway Controller with Intel짰 Atom??E3845
More results

Similar Description - LVC-2001

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-2121V ADVANTECH-ARK-2121V_15 Datasheet
1Mb / 2P
In-Vehicle NVR w/4 PoE Ports Intel짰 Atom E3825 / Atom E3845 SoC Fanless Box PC
ITA-2211-00A1E ADVANTECH-ITA-2211-00A1E Datasheet
903Kb / 2P
Intel짰 Atom??E3845 2U Fanless Rackmount System with 3 ITAM Module
logo
List of Unclassifed Man...
LVC-2000 ETC2-LVC-2000 Datasheet
392Kb / 4P
Fanless Vehicle PC with Intel짰Atom??E3845 Processor
LVC-2001 ETC2-LVC-2001 Datasheet
615Kb / 2P
Fanless Vehicle Gateway Controller with Intel짰 Atom??E3845
logo
Axiomtek Co., Ltd.
TBOX810-838-FL-E3845-RJ AXIOMTEK-TBOX810-838-FL-E3845-RJ Datasheet
469Kb / 3P
Fanless Embedded System with Intel짰 Atom??Processor E3845/E3827 for Vehicle, Railway and Marine PC
TBOX100-838-FL AXIOMTEK-TBOX100-838-FL Datasheet
574Kb / 2P
Fanless Embedded System with Intel Atom Processor E3845 for Vehicle
logo
Contec Co., Ltd
BX-956S CONTEC-BX-956S Datasheet
472Kb / 3P
BOX-PC Fanless, Atom E3845 1.91GHz
logo
Adlink Technology Inc.
MXE-1400V ADLINK-MXE-1400V Datasheet
216Kb / 2P
Intel Atom Processor E3845 SoC Fanless Embedded Computer for In-Vehicle
logo
Lanner All Rights Reser...
V3S LANNER-V3S Datasheet
363Kb / 2P
Fanless In-vehicle Surveillance Computer with Intel짰 Atom??x7-E3950 Processor
LVC-2000 LANNER-LVC-2000 Datasheet
410Kb / 4P
Fanless Vehicle PC with Intel짰Atom??E3845 Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com