Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVC-2001 Datasheet(PDF) 2 Page - Lanner All Rights Reserved.

Part # LVC-2001
Description  Fanless Vehicle Gateway Controller with Intel짰 Atom??E3845
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANNER [Lanner All Rights Reserved.]
Direct Link  http://www.lannerinc.com/
Logo LANNER - Lanner All Rights Reserved.

LVC-2001 Datasheet(HTML) 2 Page - Lanner All Rights Reserved.

  LVC-2001 Datasheet HTML 1Page - Lanner All Rights Reserved. LVC-2001 Datasheet HTML 2Page - Lanner All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Lanner Electronics Inc. All rights reserved.
All product specifications are subject to change without notice.
contact@lannerinc.com | www.lannerinc.com
LVC-2001
Intel® Atom SoC E3845 CPU In-Vehicle Computer, 1 x DDR3L SODIMM, Mini-PCIe x3, USB 3.0 host x 1, USB 2.0 host x1, Serial port x3,
Optional CAN Bus x1, DC Power input +9~36Vdc with Ignition
Dimensions 198 x 52 x 185 mm
Ordering Information
Product I/O View
A
B
C
Service Window for SIM
Audio/MIC Ports
USB
D
E
F
COM/Optional CAN
COM
MIO
V.3-2019.7.29
F
A
B
C
D
E
G
H
G
H
J
I
I
LAN Ports
HDMI
VGA
J
DC Input



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com