Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3560/6 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 3560/6
Description  Ceramic Stand-Off Insulators for RF-Equipment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

3560/6 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  3560/6 Datasheet HTML 1Page - M-System Co.,Ltd. 3560/6 Datasheet HTML 2Page - M-System Co.,Ltd. 3560/6 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3540/6, 3550/6, 3558/6, 3560/6, 3570/6, 3580/6, 35100/6, 35125/6
www.vishay.com
Vishay Draloric
Revision: 24-Feb-12
1
Document Number: 22170
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Ceramic Stand-Off Insulators for RF-Equipment
FEATURES
• Application in HF equipment
• High flashover voltage
• High compressive and tensile load
• Different thread sizes available
MATERIAL
Stand-off insulator elements made from Class 1 ceramic
material (C 221-IEC 60672-3), body completely glazed.
Connection Terminals: Brass
MARKING
None
OPERATING CONDITIONS
Maximum Operating Temperature: + 100 °C
Maximum Compressive Load:
3.0 kN
Maximum Tensile Load:
7.5 kN
Maximum Reactive Current:
3 ARMS
Note
• # indicator of thread size, “6” = M6 (standard), other metric sizes as well as US standard threads are available on request
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Ceramic Class
1
Ceramic Dielectric
R7
Type
Stand-off Insulator 3540/6, 3550/6, 3558/6, 3560/6, 3570/6, 3580/6, 35100/6, 35125/6
Voltage (VRMS)
10 000
12 000
13 000
15 000
16 000
19 000
22 000
Min. Capacitance (pF)
2.5
1.9
1.2
0.9
0.7
0.5
0.3
Max. Capacitance (pF)
2.5
1.9
1.2
0.9
0.7
0.5
0.3
Mounting
Screw terminal
SAP PART NUMBER, ELECTRICAL, AND DIMENSIONAL DATA
PART NUMBER
CERAMIC
CAPACITANCE
VALUES
(pF)
FLASHOVER VOLTAGE
AT 50 Hz, 60 % REL.
AIR HUMIDITY
(kVRMS)
OPERATING
VOLTAGE
(kVRMS)
DIMENSIONS H
mm (INCHES)
DISSIPATION
FACTOR
ISOLATOR3540M#1
R7
2.5
25
10
40 (1.575)
Max. 0.05 %
(1 MHz)
ISOLATOR3550M#1
1.9
29
12
50 (1.969)
ISOLATOR3558M#1
1.2
33
13
58 (2.283)
ISOLATOR3560M#1
1.2
33
13
60 (2.362)
ISOLATOR3570M#1
0.9
37
15
70 (2.756)
ISOLATOR3580M#1
0.7
41
16
80 (3.150)
ISOLATOR35100M#1
0.5
48
19
100 (3.937)
ISOLATOR35125M#1
0.3
56
22
125 (4.921)


Similar Part No. - 3560/6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
3560 VISHAY-3560 Datasheet
89Kb / 2P
Ceramic Stand-off Insulators for RF-Equipment
29-Aug-02
logo
ASM GmbH
3560 ASM-SENSOR-3560 Datasheet
1Mb / 4P
AC m廓 HiTESTER
logo
Pomona Electronics
3560 POMONA-3560 Datasheet
127Kb / 2P
Banana Jack To #12, 16, 20 & 22 Socket
logo
List of Unclassifed Man...
3560 ETC2-3560 Datasheet
1Mb / 16P
Drywall Punch
logo
Heyco.
3560 HEYCO-3560 Datasheet
147Kb / 1P
Nylon Cable Tie Variations
More results

Similar Description - 3560/6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
3540 VISHAY-3540 Datasheet
89Kb / 2P
Ceramic Stand-off Insulators for RF-Equipment
29-Aug-02
4040 VISHAY-4040 Datasheet
124Kb / 2P
Ceramic Stand-off Insulators for RF-Equipment
29-Aug-02
logo
Bedford Opto Technology...
BOLS003 BOT-BOLS003 Datasheet
33Kb / 2P
3mm LED STAND-OFF
BLA3 BOT-BLA3_12 Datasheet
42Kb / 2P
3mm LED STAND-OFF
BLA4 BOT-BLA4_12 Datasheet
44Kb / 2P
3mm LED STAND-OFF
BLA8 BOT-BLA8_12 Datasheet
46Kb / 2P
3mm LED STAND-OFF
BLA10 BOT-BLA10_12 Datasheet
48Kb / 2P
3mm LED STAND-OFF
BLA41 BOT-BLA41_12 Datasheet
45Kb / 2P
3mm LED STAND-OFF
BLA61 BOT-BLA61_12 Datasheet
113Kb / 2P
3mm LED STAND-OFF
logo
Richco, Inc.
SHK-6-01 RICHCO-SHK-6-01 Datasheet
47Kb / 1P
STAND-OFF HARNESS CLIP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com