Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

48NAT-4YH5-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # 48NAT-4YH5-R
Description  Bargraph Indicators 48N Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

48NAT-4YH5-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  48NAT-4YH5-R Datasheet HTML 1Page - M-System Co.,Ltd. 48NAT-4YH5-R Datasheet HTML 2Page - M-System Co.,Ltd. 48NAT-4YH5-R Datasheet HTML 3Page - M-System Co.,Ltd. 48NAT-4YH5-R Datasheet HTML 4Page - M-System Co.,Ltd. 48NAT-4YH5-R Datasheet HTML 5Page - M-System Co.,Ltd. 48NAT-4YH5-R Datasheet HTML 6Page - M-System Co.,Ltd. 48NAT-4YH5-R Datasheet HTML 7Page - M-System Co.,Ltd. 48NAT-4YH5-R Datasheet HTML 8Page - M-System Co.,Ltd. 48NAT-4YH5-R Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MODEL: 48NAT
48NAT SPECIFICATIONS
ES-9433 Rev.13 Page 3/9
http://www.m-system.co.jp/
0
50
100
Input
(%)
L Setpoint
H Setpoint
H Output
L Output
• Alarm Output Code 2
Alarm Trip Operation
Terminal No. in parentheses
(7–8)ON
(12–14)ON
(13–14)ON
(7–9)ON
0
50
100
Input
(%)
L
H
HH Output
LL Output
H Output
L Output
HH
LL
• Alarm Output Code 4
Terminals 7 – 9, 13 – 14 turn on at a loss of power.
Terminals 7 – 9, 13 – 14 turn on at a loss of power.
(7–8)ON
(7–9)ON
(7–10)ON
(11–14)ON
(12–14)ON
(13–14)ON
INSTALLATION
Power Consumption
•AC:
Approx. 5.5 VA at 100 V with max. load
Approx. 7 VA at 200 V with max. load
Approx. 8 VA at 264 V with max. load
•DC
Approx. 3.5 W at 20.4 V with max. load
Approx. 3.5 W at 24 V with max. load
Approx. 3.5 W at 27.6 V with max. load
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Panel flush mounting
Weight: 300 g (0.66 lb)
PERFORMANCE in percentage of span
Accuracy: ±1 % ±1 digit
(at over 400°C or 750°F for R, S and PR; over 770°C or
1420°F for B)
Cold junction compensation error
(at 20°C ±10°C or 68°F ±18°F)
K, E, J, T, N: ±0.5°C or ±0.9°F
S, R, PR: ±1°C or ±1.8°F
Temp. coefficient: ±0.015 % of FS/°C(±0.008 % of FS/°F)
(at over 400°C or 750°F for R, S and PR; over 770°C or
1420°F for B)
Response time: ≤ 0.5 sec.
Burnout response: ≤ 10 sec.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Measurement Category II (output)
Installation Category II (power)
Pollution Degree 2
Input to output to power: Reinforced insulation (300 V)
RoHS Directive
EN 50581



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com