Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

48NAT-4YH5-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 48NAT-4YH5-R
Description  Bargraph Indicators 48N Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

48NAT-4YH5-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  48NAT-4YH5-R Datasheet HTML 1Page - M-System Co.,Ltd. 48NAT-4YH5-R Datasheet HTML 2Page - M-System Co.,Ltd. 48NAT-4YH5-R Datasheet HTML 3Page - M-System Co.,Ltd. 48NAT-4YH5-R Datasheet HTML 4Page - M-System Co.,Ltd. 48NAT-4YH5-R Datasheet HTML 5Page - M-System Co.,Ltd. 48NAT-4YH5-R Datasheet HTML 6Page - M-System Co.,Ltd. 48NAT-4YH5-R Datasheet HTML 7Page - M-System Co.,Ltd. 48NAT-4YH5-R Datasheet HTML 8Page - M-System Co.,Ltd. 48NAT-4YH5-R Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MODEL: 48NAT
48NAT SPECIFICATIONS
ES-9433 Rev.13 Page 2/9
http://www.m-system.co.jp/
(No. ESU-9437)
BEZEL OPTION
Bezels are used to adapt the 48N Series to an existing panel
cutout. In order to replace M-System’s 48 Series products,
use the one attached to the 48N Series as standard. When
the existing panel is cut according to DIN standard, specify
‘/D’ suffix code.
For a new installation, no bezel is required. Please refer to
‘Mounting Requirement’ and mount the 48N directly.
Ingress protection is invalid when the 48N is mounted with a
bezel, or when multiple modules are stacked side by side.
SPARE PARTS
• Scale plate
GENERAL SPECIFICATIONS
Construction: Panel flush mounting
Degree of protection: IP65; applicable to the front panel for
single unit mounted according to the specified panel cutout
Connection: M3 separable screw terminal (torque 0.6 N·m)
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Zero adjustment: 0 – 10 % (front)
Span adjustment: 90 to 100 % (front)
Scale plate: Flame resistant resin (white scale & characters
on black base)
Setpoint adjustment
2 points:
H
[L setpoint ] to 100 %
L
0 to [H setpoint]
or No alarm trip
4 points:
HH
[H setpoint] to 100 %
H
[L setpoint] to [HH setpoint]
L
[LL setpoint] to [H setpoint]
LL 0 to [L setpoint]
or No alarm trip
Alarm deadband (hysteresis): 1 %
Burnout: Upscale standard; downscale or no burnout
optional.
The highest bargraph segment blinks with upscale burnout;
the lowest blinks with downscale burnout.
Linearization: Standard
Cold junction compensation: CJC sensor attached to the
input terminals (B thermocouple is without CJC as standard)
Setting: (Front button)
• Zero and span adjustments
• Alarm setpoint
• Others
(Refer to the instruction manual for details)
■ BARGRAPH
LED: 101-segment LED, 100 mm (3.96”) long, 3.00 mm
(.12”) wide
Display range: 0 to 100 (scaling function not available)
Scale: Two different scales available for single bargraph
Characters: Max. 4 characters including decimal point and
negative sign
Divisions: Min. 22, max. 100
Engineering unit: Max. 6 characters
INPUT SPECIFICATIONS
■ Input: Thermocouples
Minimum span: 3 mV
Input resistance: ≥ 20 kΩ
Burnout sensing: ≤ 0.25 μA
Temperature range (in °C)
(PR): min. span 370°C; lower range 0 to 880°C
K (CA): min. span 75°C; lower rang -270 to +1200°C
E (CRC): min. span 50°C; lower range -270 to +750°C
J (IC): min. span 60°C; lower range -210 to +800°C
T (CC): min. span 75°C; lower range -270 to +325°C
B (RH): min. span 780°C; lower range 0 to 750°C
R: min. span 360°C; -50 to +550°C
S: min. span 380°C; -50 to +550°C
N: min. span 110°C; -270 to +1100°C
Temperature range (in °F)
(PR): min. span 670°F; lower range 32 to 1616°F
K (CA): min. span 140°F; lower range -454 to +2192°F
E (CRC): min. span 90°F; -454 to +1382°F
J (IC): min. span 110°F; -346 to +1472°F
T (CC): min. span 140°F; -454 to +617°F
B (RH): min. span 1450°F; 32 to 1382°F
R: min. span 680°F; -58 to +1022°F
S: min. span 700°F; -58 to +1022°F
N: min. span 200°F; -454 to +2012°F
Remark: The transmitter may not satisfy specified accuracy
for temperature ranges below 0°C. For more details,
consult M-System.
OUTPUT SPECIFICATIONS
■ Alarm Output: Relay contact
Rated load: 250 V AC @1 A (cos ø = 1)
30 V DC @5 A (resistive load)
Maximum switching voltage: 250 V AC, 220 V DC
Maximum switching power: 380 VA, 150 W
Minimum load: 5 V DC @100 mA
Mechanical life: ≥ 5 × 108 cycles (rate 180 cycles/min.)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com