Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

48NDR-0RA-R Datasheet(PDF) 8 Page - M-System Co.,Ltd.

Part # 48NDR-0RA-R
Description  Bargraph Indicators 48N Series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

48NDR-0RA-R Datasheet(HTML) 8 Page - M-System Co.,Ltd.

Back Button 48NDR-0RA-R Datasheet HTML 2Page - M-System Co.,Ltd. 48NDR-0RA-R Datasheet HTML 3Page - M-System Co.,Ltd. 48NDR-0RA-R Datasheet HTML 4Page - M-System Co.,Ltd. 48NDR-0RA-R Datasheet HTML 5Page - M-System Co.,Ltd. 48NDR-0RA-R Datasheet HTML 6Page - M-System Co.,Ltd. 48NDR-0RA-R Datasheet HTML 7Page - M-System Co.,Ltd. 48NDR-0RA-R Datasheet HTML 8Page - M-System Co.,Ltd. 48NDR-0RA-R Datasheet HTML 9Page - M-System Co.,Ltd. 48NDR-0RA-R Datasheet HTML 10Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MODEL: 48NDR
48NDR SPECIFICATIONS
ES-9443 Rev.13 Page 8/10
http://www.m-system.co.jp/
PANEL CUTOUT unit: mm
31.5
Note 1: Observe at the minimum of 3 cm above and below the units
for heat dissipation.
Note 2: No bezel is needed when the panel is cut according to the
above drawings.
Panel thickness: 1.6 – 8.0 mm
■ SINGLE MOUNTING
(Conform to degree of protection IP65)
L
Panel thickness: 1.6 – 8.0 mm
L = {31.5 + 36 × (N – 1)}
(N : number of units)
+1
–0
■ CLUSTERED MOUNTING
(Not conform to degree of protection IP65)
+1
–0
61.5 min.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com