Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

48NDR-0RA-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 48NDR-0RA-R
Description  Bargraph Indicators 48N Series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

48NDR-0RA-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  48NDR-0RA-R Datasheet HTML 1Page - M-System Co.,Ltd. 48NDR-0RA-R Datasheet HTML 2Page - M-System Co.,Ltd. 48NDR-0RA-R Datasheet HTML 3Page - M-System Co.,Ltd. 48NDR-0RA-R Datasheet HTML 4Page - M-System Co.,Ltd. 48NDR-0RA-R Datasheet HTML 5Page - M-System Co.,Ltd. 48NDR-0RA-R Datasheet HTML 6Page - M-System Co.,Ltd. 48NDR-0RA-R Datasheet HTML 7Page - M-System Co.,Ltd. 48NDR-0RA-R Datasheet HTML 8Page - M-System Co.,Ltd. 48NDR-0RA-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MODEL: 48NDR
48NDR SPECIFICATIONS
ES-9443 Rev.13 Page 1/10
http://www.m-system.co.jp/
Bargraph Indicators 48N Series
BARGRAPH INDICATING ALARM
(with 4-digit digital meter; RTD input)
Functions & Features
• Displays a process variable in graphic bargraph
of 101 LED segments
• Clear 4-digit digital meter
• Provides max. 4 alarm contact outputs
• Multi-color indicator
• Linearization and burnout
• LED brightness adjustment
• IP65 front cover
• Scale plate is easily replaced
• Separable terminal block
50
40
30
20
10
0
10
20
30
40
50
m3/h
%
mA
100 SET
H
S
P
Z
L
90
80
70
60
50
40
30
20
10
0
M
144
(5.67)
36 (1.42)
103
(4.06)
mm (inch)
MODEL: 48NDR–[1][2][3]–[4][5]
ORDERING INFORMATION
• Code number: 48NDR-[1][2][3]-[4][5]
Specify a code from below for each of [1] through [5].
(e.g. 48NDR-424-R/CE/D/BL/Q)
• Temperature range (e.g. 0 – 200 °C)
• Bargraph scale (e.g. 0 – 100 %) (See ‘Scale Plate.’)
• Digital indicator scale (e.g. 0.0 – 200.0)
• Specify the specification for option code /Q
(e.g. /C01/SET)
[1] ALARM OUTPUT
0: None
2: 2 points
4: 4 points
[2] BAR LED COLOR
R: Red
Y: Amber
G: Green
B: Blue
1: Multi-color (red, orange and green), Pattern 1
(See ‘External View.’)
2: Multi-color (red, orange and green), Pattern 2
(See ‘External View.’)
[3] INPUT RTD (2- or 3-wire)
1: JPt 100 (JIS'89)
(Usable range: -200 to +500°C, -328 to +932°F; min.span: 50°C, 90°F)
3: Pt 100 (JIS'89)
(Usable range: -200 to +650°C, -328 to +1202°F; min.span: 50°C, 90°F)
4: Pt 100 (JIS'97, IEC)
(Usable range: -200 to +850°C, -328 to +1562°F; min.span: 50°C, 90°F)
5: Pt 50 Ω (JIS'81)
(Usable range: -200 to +500°C, -328 to +932°F; min.span: 100°C, 180°F)
6: Ni 508.4 Ω
(Usable range: -50 to +200°C, -58 to +392°F; min.span: 30°C, 54°F)
Note: Consult M-System for 2-wire RTD
[4] POWER INPUT
AC Power
M: 85 – 264 V AC (Operational voltage range 85 – 264 V, 50/60 Hz
(CE marking not available)
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V, 50/60 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±15 %, ripple 10 %p-p max.)
[5] OPTIONS (multiple selections)
Standards & Approvals
blank: Without CE
/CE: CE marking
Bezels
blank: Bezels for M-System’s 48 Series panel cutout
/D: Bezels for DIN panel cutout
/F: Bezels for Fuji Electric's PAJ, PAK, PBA panel cutout
Burnout
blank: Upscale burnout
/BL: Downscale burnout
Other Options
blank: none
/Q: Option other than the above (specify the specification)


Similar Part No. - 48NDR-0RA-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
48NDM MSYSTEM-48NDM Datasheet
229Kb / 10P
Bargraph Indicators 48N Series
48NDM-0B-M MSYSTEM-48NDM-0B-M Datasheet
229Kb / 10P
Bargraph Indicators 48N Series
48NDM-0B-M/CE MSYSTEM-48NDM-0B-M/CE Datasheet
229Kb / 10P
Bargraph Indicators 48N Series
48NDM-0B-M/D MSYSTEM-48NDM-0B-M/D Datasheet
229Kb / 10P
Bargraph Indicators 48N Series
48NDM-0B-M/F MSYSTEM-48NDM-0B-M/F Datasheet
229Kb / 10P
Bargraph Indicators 48N Series
More results

Similar Description - 48NDR-0RA-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
48NDVD MSYSTEM-48NDVD Datasheet
232Kb / 9P
Bargraph Indicators 48N Series
48NDVA MSYSTEM-48NDVA Datasheet
231Kb / 9P
Bargraph Indicators 48N Series
48NDV MSYSTEM-48NDV Datasheet
230Kb / 9P
Bargraph Indicators 48N Series
48NDT MSYSTEM-48NDT Datasheet
239Kb / 11P
Bargraph Indicators 48N Series
48NAVD MSYSTEM-48NAVD Datasheet
225Kb / 9P
Bargraph Indicators 48N Series
48NAVA MSYSTEM-48NAVA Datasheet
223Kb / 9P
Bargraph Indicators 48N Series
48NAV MSYSTEM-48NAV Datasheet
222Kb / 9P
Bargraph Indicators 48N Series
48NAT MSYSTEM-48NAT Datasheet
227Kb / 9P
Bargraph Indicators 48N Series
48NAR MSYSTEM-48NAR Datasheet
225Kb / 9P
Bargraph Indicators 48N Series
48NAM MSYSTEM-48NAM Datasheet
221Kb / 9P
Bargraph Indicators 48N Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com