Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2467 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SD2467
Description  Silicon NPN epitaxial planar type(For power switching)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD2467 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SD2467 Datasheet HTML 1Page - Panasonic Semiconductor 2SD2467 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Power Transistors
2SD2467
Silicon NPN epitaxial planar type
For power switching
s Features
q
Low collector to emitter saturation voltage VCE(sat)
q
Satisfactory linearity of foward current transfer ratio hFE
q
Large collector current IC
q
Full-pack package with outstanding insulation, which can be in-
stalled to the heat sink with one screw
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
130
80
7
6
3
30
2
150
–55 to +150
Unit
V
V
V
A
A
W
˚C
˚C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff current
Emitter cutoff current
Collector to emitter voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Turn-on time
Storage time
Fall time
Symbol
ICBO
IEBO
VCEO
hFE1
hFE2
*
VCE(sat)
VBE(sat)
fT
ton
tstg
tf
Conditions
VCB = 100V, IE = 0
VEB = 5V, IC = 0
IC = 10mA, IB = 0
VCE = 2V, IC = 0.1A
VCE = 2V, IC = 0.5A
IC = 2A, IB = 0.1A
IC = 2A, IB = 0.1A
VCE = 10V, IC = 0.5A, f = 10MHz
IC = 0.5A, IB1 = 50mA, IB2 = –50mA,
VCC = 50V
min
80
45
90
typ
30
0.5
2.5
0.15
max
10
50
260
0.5
1.5
Unit
µA
µA
V
V
V
MHz
µs
µs
µs
*h
FE2 Rank classification
Rank
Q
P
hFE2
90 to 180
130 to 260
TC=25°C
Ta=25
°C
Unit: mm
1:Base
2:Collector
3:Emitter
TO–220E Full Pack Package
9.9
±0.3
23
1
4.6
±0.2
2.9
±0.2
2.6
±0.1
2.54
±0.2
0.75
±0.1
1.2
±0.15
5.08
±0.4
φ3.2±0.1
1.45
±0.15
0.7
±0.1
7
°


Similar Part No. - 2SD2467

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD2460 PANASONIC-2SD2460 Datasheet
34Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency output amplification)
logo
Toshiba Semiconductor
2SD2461 TOSHIBA-2SD2461 Datasheet
191Kb / 3P
NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
2SD2461 TOSHIBA-2SD2461 Datasheet
135Kb / 5P
Power Amplifier Applications
2SD2461 TOSHIBA-2SD2461_06 Datasheet
135Kb / 5P
Power Amplifier Applications
2SD2462 TOSHIBA-2SD2462 Datasheet
191Kb / 3P
NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
More results

Similar Description - 2SD2467

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1254 PANASONIC-2SD1254 Datasheet
58Kb / 3P
Silicon NPN epitaxial planar type(For power switching)
2SD1256 PANASONIC-2SD1256 Datasheet
58Kb / 3P
Silicon NPN epitaxial planar type(For power switching)
2SD1257 PANASONIC-2SD1257 Datasheet
62Kb / 3P
Silicon NPN epitaxial planar type(For power switching)
2SD1268 PANASONIC-2SD1268 Datasheet
47Kb / 2P
Silicon NPN epitaxial planar type(For power switching)
2SD1269 PANASONIC-2SD1269 Datasheet
55Kb / 3P
Silicon NPN epitaxial planar type(For power switching)
2SD1270 PANASONIC-2SD1270 Datasheet
55Kb / 3P
Silicon NPN epitaxial planar type(For power switching)
2SD1271 PANASONIC-2SD1271 Datasheet
59Kb / 3P
Silicon NPN epitaxial planar type(For power switching)
2SD1745 PANASONIC-2SD1745 Datasheet
58Kb / 3P
Silicon NPN epitaxial planar type(For power switching)
2SD2468 PANASONIC-2SD2468 Datasheet
55Kb / 3P
Silicon NPN epitaxial planar type(For power switching)
2SD2469 PANASONIC-2SD2469 Datasheet
59Kb / 3P
Silicon NPN epitaxial planar type(For power switching)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com