Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4864MM/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM4864MM/NOPB
Description  LM4864 725mW Audio Power Amplifier with Shutdown Mode
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4864MM/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM4864MM/NOPB Datasheet HTML 8Page - Texas Instruments LM4864MM/NOPB Datasheet HTML 9Page - Texas Instruments LM4864MM/NOPB Datasheet HTML 10Page - Texas Instruments LM4864MM/NOPB Datasheet HTML 11Page - Texas Instruments LM4864MM/NOPB Datasheet HTML 12Page - Texas Instruments LM4864MM/NOPB Datasheet HTML 13Page - Texas Instruments LM4864MM/NOPB Datasheet HTML 14Page - Texas Instruments LM4864MM/NOPB Datasheet HTML 15Page - Texas Instruments LM4864MM/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
LM4864
SNAS109F – SEPTEMBER 1999 – REVISED MAY 2013
www.ti.com
APPLICATION INFORMATION
BRIDGE CONFIGURATION EXPLANATION
As shown in Figure 1, the LM4864 has two operational amplifiers internally, allowing for a few different amplifier
configurations. The first amplifier's gain is externally configurable, while the second amplifier is internally fixed in
a unity-gain, inverting configuration. The closed-loop gain of the first amplifier is set by selecting the ratio of RF to
Ri while the second amplifier's gain is fixed by the two internal 10kΩ resistors. Figure 1 shows that the output of
amplifier one serves as the input to amplifier two which results in both amplifiers producing signals identical in
magnitude, but out of phase 180°. Consequently, the differential gain for the IC is
AVD = 2*(RF/Ri)
(1)
By driving the load differentially through outputs Vo1 and Vo2, an amplifier configuration commonly referred to as
“bridged mode” is established. Bridged mode operation is different from the classical single-ended amplifier
configuration where one side of its load is connected to ground.
A bridge amplifier design has a few distinct advantages over the single-ended configuration, as it provides
differential drive to the load, thus doubling output swing for a specified supply voltage. Four times the output
power is possible as compared to a single-ended amplifier under the same conditions. This increase in attainable
output power assumes that the amplifier is not current limited or clipped. In order to choose an amplifier's closed-
loop gain without causing excessive clipping, please refer to AUDIO POWER AMPLIFIER DESIGN section.
A bridge configuration, such as the one used in LM4864, also creates a second advantage over single-ended
amplifiers. Since the differential outputs, Vo1 and Vo2, are biased at half-supply, no net DC voltage exists across
the load. This eliminates the need for an output coupling capacitor which is required in a single supply, single-
ended amplifier configuration. If an output coupling capacitor is not used in a single-ended configuration, the half-
supply bias across the load would result in both increased internal lC power dissipation as well as permanent
loudspeaker damage.
POWER DISSIPATION
Power dissipation is a major concern when designing a successful amplifier, whether the amplifier is bridged or
single-ended. Equation 2 states the maximum power dissipation point for a bridge amplifier operating at a given
supply voltage and driving a specified output load.
PDMAX = (VDD)
2/(2π2R
L)
Single-Ended (1)
(2)
However, a direct consequence of the increased power delivered to the load by a bridge amplifier is an increase
in internal power dissipation point for a bridge amplifier operating at the same conditions.
PDMAX = 4(VDD)
2/(2π2R
L)
Bridge Mode (2)
(3)
Since the LM4864 has two operational amplifiers in one package, the maximum internal power dissipation is 4
times that of a single-ended amplifier. Even with this substantial increase in power dissipation, the LM4864 does
not require heatsinking. From Equation 2, assuming a 5V power supply and an 8
Ω load, the maximum power
dissipation point is 633 mW. The maximum power dissipation point obtained from Equation 3 must not be greater
than the power dissipation that results from Equation 4:
PDMAX = (TJMAX − TA)/θJA
(3)
(4)
For package DGK0008A,
θJA = 210°C/W, for package D00008A, θJA = 170°C/W, for package P0008E, θJA =
107°C/W, and for package NGY0010A,
θJA = 63°C/W. TJMAX = 150°C for the LM4864. Depending on the ambient
temperature, TA, of the system surroundings, Equation 4 can be used to find the maximum internal power
dissipation supported by the IC packaging. If the result of Equation 3 is greater than that of Equation 4, then
either the supply voltage must be decreased, the load impedance increased, the ambient temperature reduced,
or the
θJA reduced with heatsinking. In many cases larger traces near the output, VDD, and GND pins can be
used to lower the
θJA. The larger areas of copper provide a form of heatsinking allowing a higher power
dissipation. For the typical application of a 5V power supply, with an 8
Ω load, the maximum ambient temperature
possible without violating the maximum junction temperature is approximately 44°C provided that device
operation is around the maximum power dissipation point and assuming surface mount packaging. Internal
power dissipation is a function of output power. If typical operation is not around the maximum power dissipation
point, the ambient temperature can be increased. Refer to Typical Performance Characteristics for power
dissipation information for lower output powers.
12
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM4864



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com