Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4864MM/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM4864MM/NOPB
Description  LM4864 725mW Audio Power Amplifier with Shutdown Mode
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4864MM/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM4864MM/NOPB Datasheet HTML 12Page - Texas Instruments LM4864MM/NOPB Datasheet HTML 13Page - Texas Instruments LM4864MM/NOPB Datasheet HTML 14Page - Texas Instruments LM4864MM/NOPB Datasheet HTML 15Page - Texas Instruments LM4864MM/NOPB Datasheet HTML 16Page - Texas Instruments LM4864MM/NOPB Datasheet HTML 17Page - Texas Instruments LM4864MM/NOPB Datasheet HTML 18Page - Texas Instruments LM4864MM/NOPB Datasheet HTML 19Page - Texas Instruments LM4864MM/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
LM4864
SNAS109F – SEPTEMBER 1999 – REVISED MAY 2013
www.ti.com
LM4864 MDC MWC
725MW Audio Power Amplifier With Shutdown Mode
Figure 38. Die Layout (B - Step)
Table 1. DIE/WAFER CHARACTERISTICS
Fabrication Attributes
General Die Information
Physical Die Identification
LM4862B
Bond Pad Opening Size (min)
86µm x 86µm
Die Step
B
Bond Pad Metalization
ALUMINUM
Physical Attributes
Passivation
NITRIDE
Wafer Diameter
150mm
Back Side Metal
Bare Back
Dise Size (Drawn)
1283µm x 952µm
Back Side Connection
GND
51mils x 37mils
Thickness
406µm Nominal
Min Pitch
117µm Nominal
Special Assembly Requirements:
Note: Actual die size is rounded to the nearest micron.
Die Bond Pad Coordinate Locations (B - Step)
(Referenced to die center, coordinates in µm) NC = No Connection
X/Y COORDINATES
PAD SIZE
SIGNAL NAME
PAD# NUMBER
X
Y
X
Y
BYPASS
1
-322
523
86
x
86
GND
2
-359
259
86
x
188
INPUT +
3
-359
5
86
x
86
GND
4
-359
-259
86
x
188
NC
5
-323
-523
86
x
86
INPUT -
6
-109
-523
86
x
86
VOUT 1
7
8
-523
86
x
86
VDD
8
358
-78
86
x
188
GND
9
358
141
86
x
188
NC
10
359
406
86
x
86
NC
11
323
523
86
x
86
VOUT 2
12
8
523
86
x
86
SHUTDOWN
13
-109
523
86
x
86
16
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM4864



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com