Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

225EDLC-R Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 225EDLC-R
Description  Ruggedized Electrical Double Layer Energy Storage Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

225EDLC-R Datasheet(HTML) 3 Page - Vishay Siliconix

  225EDLC-R Datasheet HTML 1Page - Vishay Siliconix 225EDLC-R Datasheet HTML 2Page - Vishay Siliconix 225EDLC-R Datasheet HTML 3Page - Vishay Siliconix 225EDLC-R Datasheet HTML 4Page - Vishay Siliconix 225EDLC-R Datasheet HTML 5Page - Vishay Siliconix 225EDLC-R Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
225 EDLC-R ENYCAP™
www.vishay.com
Vishay BCcomponents
Revision: 02-Jul-2021
3
Document Number: 28449
For technical questions, contact: energystorage@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Table 2
Notes
(1) UCT = rated voltage at upper category temperature
(2) Rated capacitance CR and maximum ESRDC are typical values for case sizes
Table 3
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
UCT (1)
(V)
US
(V)
(< 1 s)
CR (2)
(F)
NOMINAL
CASE SIZE
Ø D x L
(mm)
MAX.
ESRDC (2)
INITIAL
(m
Ω)
MAX.
ESRAC
INITIAL,
1 kHz
(m
Ω)
IP
MAX.
PEAK
CURRENT
(A)
IL
MAX.
LEAKAGE
CURRENT
AFTER
STORED
ENERGY
E AT UR
(Wh)
SPECIFIC
ENERGY
Ed AT UR
(Wh/kg)
ORDERING CODE
MAL2225.......
(mA) (μA)
65 °C 85 °C
65 °C 85 °C 0.5 h 72 h 65 °C 85 °C 65 °C 85 °C
FORM
CA
FORM
TFA
FORM
TRAY
2.7
2.3
2.85
5
10 x 20
45
28
12
10
2
25 0.005 0.004 2.3
1.8
51011E3 31011E3
-
2.7
2.3
2.85
7
10 x 25
38
24
12
10
3
35 0.007 0.005 2.3
1.7
51012E3 31012E3
-
2.7
2.3
2.85
8
12.5 x 20
42
21
15
12
4
40 0.008 0.006 2.0
1.5
51014E3 31014E3
-
2.7
2.3
2.85
10
10 x 30
30
20
15
12
4
45 0.009 0.007 2.6
2.0
51013E3 31013E3
-
2.7
2.3
2.85
12
12.5 x 25
33
19
17
14
5
55 0.011 0.008 2.2
1.6
51015E3 31015E3
-
2.7
2.3
2.85
15
12.5 x 30
25
16
20
17
6
70 0.015 0.011 2.7
2.0
51016E3 31016E3
-
2.7
2.3
2.85
20
16 x 20
24
18
25
20
8
75 0.020 0.015 3.4
2.3
51003E3 31003E3
91003E3
2.7
2.3
2.85
22
12.5 x 40
22
11
25
20
9
75 0.021 0.015 3.0
2.1
51017E3
-
-
2.7
2.3
2.85
25
16 x 25
22
16
25
20
8
75 0.025 0.018 3.2
2.3
51006E3 31006E3
91006E3
2.7
2.3
2.85
25
18 x 20
20
15
25
20
8
75 0.025 0.018 3.6
2.6
51004E3 31004E3
91004E3
2.7
2.3
2.85
30
18 x 25
19
13
30
25
12
140 0.030 0.022 3.0
2.2
51007E3 31007E3
91007E3
2.7
2.3
2.85
35
16 x 31
20
14
30
25
15
200 0.035 0.026 3.9
2.9
51002E3 31002E3
91002E3
2.7
2.3
2.85
40
18 x 31
18
12
35
30
20
200 0.041 0.029 3.3
2.3
51001E3 31001E3
91001E3
2.7
2.3
2.85
50
18 x 35
15
10
35
30
25
250 0.051 0.037 3.5
2.6
51008E3 31008E3
91008E3
2.7
2.3
2.85
60
18 x 40
13
9
35
30
30
300 0.061 0.044 3.7
2.7
51009E3
-
91009E3
ENDURANCE TEST DURATION AND USEFUL LIFE
NOMINAL CASE SIZE
Ø D x L
CASE CODE
ENDURANCE
AT 85 °C
(h)
USEFUL LIFE
AT 85 °C
(h)
10 x 20
16
750
1000
10 x 25
16L
750
1000
10 x 30
16LL
750
1000
12.5 x 20
17
1000
1500
12.5 x 25
18
1000
1500
12.5 x 30
18L
1000
1500
12.5 x 40
18LL
1000
1500
16 x 20
19a
1000
2000
16 x 25
19
1000
2000
18 x 20
1820
1000
2000
18 x 25
1825
1000
2000
16 x 31
20
1000
2000
18 x 31
1831
1000
2000
18 x 35
22
1000
2000
18 x 40
1840
1000
2000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com