Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

225EDLC-R Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 225EDLC-R
Description  Ruggedized Electrical Double Layer Energy Storage Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

225EDLC-R Datasheet(HTML) 1 Page - Vishay Siliconix

  225EDLC-R Datasheet HTML 1Page - Vishay Siliconix 225EDLC-R Datasheet HTML 2Page - Vishay Siliconix 225EDLC-R Datasheet HTML 3Page - Vishay Siliconix 225EDLC-R Datasheet HTML 4Page - Vishay Siliconix 225EDLC-R Datasheet HTML 5Page - Vishay Siliconix 225EDLC-R Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
225 EDLC-R ENYCAP™
www.vishay.com
Vishay BCcomponents
Revision: 02-Jul-2021
1
Document Number: 28449
For technical questions, contact: energystorage@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Ruggedized Electrical Double Layer Energy Storage Capacitors
Image is not to scale
FEATURES
• Polarized energy storage capacitor with high
capacity and energy density
• Rated voltage: 2.7 V
• Available in through-hole (radial) version
• Useful life: up to 2000 h at 85 °C
• Ruggedized for high humidity operation
• Rapid charge and discharge
• Maintenance-free, no service necessary
• AEC-Q200 qualified
• UL 810A recognized
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Power backup
• Burst power support
• Storage device for energy harvesting
• Micro UPS power source
• Energy recovery
MARKING
The capacitors are marked (where possible) with the
following information:
• Rated capacitance (in F)
• Rated voltage (in V)
• Date code, in accordance with IEC 60062
• Code indicating factory of origin
• Logo of manufacturer
• Negative terminal identification
• Series number (225)
PACKAGING
Supplied loose in box, taped ammo, or in ESD trays.
Note
(1) Preferred case size
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case sizes
(Ø D x L in mm)
10 x 20; 10 x 25; 10 x 30;
12.5 x 20; 12.5 x 25; 12.5 x 30;
12.5 x 40; 16 x 20; 18 x 20;
16 x 25, 18 x 25; 16 x 31;
18 x 31, 18 x 35, 18 x 40
Rated capacitance range, CR
5 F to 60 F
Rated voltage, UR
(65 °C / 85 °C)
2.7 V / 2.3 V
Category temperature range
-40 °C to +85 °C
Endurance test at 85 °C
Up to 1000 h
Useful life at 85 °C
Up to 2000 h
Useful life at 20 °C
> 10 years
Shelf life at 20 °C
2 years
Cycle life
> 500 000 cycles
SELECTION CHART FOR CR, UR, AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR (F)
UR (V) = 2.7 V
5
10 x 20
7
10 x 25
8
12.5 x 20
10
10 x 30
12
12.5 x 25
15
12.5 x 30
20
16 x 20
22
12.5 x 40
25
16 x 25; 18 x 20
30
18 x 25
35
16 x 31
40
18 x 31 (1)
50
18 x 35
60
18 x 40


Similar Part No. - 225EDLC-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
225EDLC-R VISHAY-225EDLC-R Datasheet
109Kb / 6P
Ruggedized Electrical Double Layer Energy Storage Capacitors
06-Apr-2022
225EDLC-R VISHAY-225EDLC-R_V01 Datasheet
109Kb / 6P
Ruggedized Electrical Double Layer Energy Storage Capacitors
06-Apr-2022
More results

Similar Description - 225EDLC-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL222090003E3 VISHAY-MAL222090003E3 Datasheet
108Kb / 5P
Electrical Double Layer Energy Storage Capacitors Power and Energy Versions
18-Jan-16
220EDLCENYCAP VISHAY-220EDLCENYCAP Datasheet
118Kb / 5P
Electrical Double Layer Energy Storage Capacitors Power and Energy Versions
20-Oct-16
196DLC VISHAY-196DLC_16 Datasheet
137Kb / 7P
Energy Storage Double Layer Capacitors
18-Jul-16
235EDLC-HVR VISHAY-235EDLC-HVR Datasheet
119Kb / 6P
Ruggedized Electrical Double Layer Energy Storage Capacitors
02-Jul-2021
230EDLC-HV VISHAY-230EDLC-HV Datasheet
121Kb / 6P
Electrical Double Layer Energy Storage Capacitors
02-Jul-2021
220EDLC VISHAY-220EDLC Datasheet
122Kb / 6P
Electrical Double Layer Energy Storage Capacitors
02-Jul-2021
196DLC VISHAY-196DLC_V01 Datasheet
112Kb / 7P
Energy Storage Double Layer Capacitors
04-Oct-2021
220EDLC VISHAY-220EDLC_V01 Datasheet
105Kb / 6P
Electrical Double Layer Energy Storage Capacitors Power and Energy Versions
06-Apr-2022
225EDLC-R VISHAY-225EDLC-R_V01 Datasheet
109Kb / 6P
Ruggedized Electrical Double Layer Energy Storage Capacitors
06-Apr-2022
235EDLC-HVR VISHAY-235EDLC-HVR_V01 Datasheet
109Kb / 6P
Ruggedized Electrical Double Layer Energy Storage Capacitors Up to 3 V Operating Voltage
10-Aug-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com