Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

183CPHT Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 183CPHT
Description  Hybrid Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

183CPHT Datasheet(HTML) 4 Page - Vishay Siliconix

  183CPHT Datasheet HTML 1Page - Vishay Siliconix 183CPHT Datasheet HTML 2Page - Vishay Siliconix 183CPHT Datasheet HTML 3Page - Vishay Siliconix 183CPHT Datasheet HTML 4Page - Vishay Siliconix 183CPHT Datasheet HTML 5Page - Vishay Siliconix 183CPHT Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
183 CPHT
www.vishay.com
Vishay BCcomponents
Revision: 04-Feb-2021
4
Document Number: 28434
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Unless otherwise specified, all electrical values in Table 5 apply
at Tamb = 20 °C, P = 86 kPa to 106 kPa, RH = 45 % to 75 %
ORDERING EXAMPLE
Hybrid conductive polymer 183 CPHT series
100 μF / 25 V; ± 20 %
Nominal case size: 6.3 mm x 6.3 mm x 7.7 mm;
taped on reel
Ordering code: MAL218397603E3
Table 5
Table 6
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
Rated capacitance at 120 Hz, tolerance ± 20 %
IR 125 °C
Rated RMS ripple current at 100 kHz
IL2
Max. leakage current after 2 min at UR
tan
δ
Max. dissipation factor at 120 Hz
ESR
Max. ESR at 100 kHz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
(μF)
NOMINAL
CASE SIZE
L x W x H
(mm)
IR
125 °C
100 kHz
(mA)
IL2
2 min
(μA)
tan
δ
120 Hz
ESR
100 kHz
20 °C
(m
Ω)
ORDERING CODE
MAL2183...
25
33
5.0 x 5.0 x 5.8
550
8.3
0.14
80
97601E3
56
6.3 x 6.3 x 5.8
900
14
0.14
50
97602E3
100
6.3 x 6.3 x 7.7
1400
25
0.14
30
97603E3
220
8.0 x 8.0 x 10.5
1600
55
0.14
27
97604E3
330
10.0 x 10.0 x 10.5
2000
82.5
0.14
20
97605E3
35
22
5.0 x 5.0 x 5.8
550
7.7
0.12
100
97001E3
47
6.3 x 6.3 x 5.8
900
16.5
0.12
60
97002E3
68
6.3 x 6.3 x 7.7
1400
23.8
0.12
35
97003E3
150
8.0 x 8.0 x 10.5
1600
52.5
0.12
27
97004E3
270
10.0 x 10.0 x 10.5
2000
94.5
0.12
20
97005E3
50
10
5.0 x 5.0 x 5.8
500
5
0.1
120
97101E3
22
6.3 x 6.3 x 5.8
750
11
0.1
80
97102E3
33
6.3 x 6.3 x 7.7
1100
16.5
0.1
40
97103E3
68
8.0 x 8.0 x 10.5
1250
34
0.1
30
97104E3
100
10.0 x 10.0 x 10.5
1600
50
0.1
28
97105E3
120
10.0 x 10.0 x 10.5
1600
60
0.1
28
97106E3
63
10
6.3 x 6.3 x 5.8
700
6.3
0.08
120
97801E3
22
6.3 x 6.3 x 7.7
900
13.9
0.08
80
97802E3
33
8.0 x 8.0 x 10.5
1100
20.8
0.08
40
97803E3
56
10.0 x 10.0 x 10.5
1400
35.3
0.08
30
97804E3
68
10.0 x 10.0 x 10.5
1400
42.8
0.08
30
97805E3
80
22
8.0 x 8.0 x 10.5
1050
17.6
0.08
45
97806E3
33
10.0 x 10.0 x 10.5
1360
26.4
0.08
36
97701E3
47
10.0 x 10.0 x 10.5
1360
37.6
0.08
36
97702E3
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage for short periods
IEC 60384-25, subclause 4.14
Us
≤ 1.15 x UR



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com