Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

183CPHT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 183CPHT
Description  Hybrid Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

183CPHT Datasheet(HTML) 3 Page - Vishay Siliconix

  183CPHT Datasheet HTML 1Page - Vishay Siliconix 183CPHT Datasheet HTML 2Page - Vishay Siliconix 183CPHT Datasheet HTML 3Page - Vishay Siliconix 183CPHT Datasheet HTML 4Page - Vishay Siliconix 183CPHT Datasheet HTML 5Page - Vishay Siliconix 183CPHT Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
183 CPHT
www.vishay.com
Vishay BCcomponents
Revision: 04-Feb-2021
3
Document Number: 28434
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Recommended soldering pad dimensions
Table 3
SOLDERING PROFILE FOR LEAD (Pb)-FREE REFLOW PROCESS
Fig. 4 - Maximum temperature load during reflow soldering
Table 4
Note
• Temperature measuring point on top of the case and on terminals
RECOMMENDED SOLDERING PAD DIMENSIONS in millimeters
NOMINAL CASE SIZE
L x W x H
CASE CODE
a
b
c
5.0 x 5.0 x 5.8
0506
3.0
1.6
1.4
6.3 x 6.3 x 5.8
0606
3.5
1.6
2.1
6.3 x 6.3 x 7.7
0608
3.5
1.6
2.1
8.0 x 8.0 x 10.5
0810
4.2
1.9
2.8
10.0 x 10.0 x 10.5
1010
4.4
1.9
4.3
REFLOW SOLDERING CONDITIONS for MAL2183xxxxxE3
PROFILE FEATURES
Ø
≤ 6.3 mm
Ø
≥ 8 mm
Maximum time between 150 °C to 200 °C (t1)
120 s
120 s
Ramp up rate from 217 °C to Tpeak
0.5 K/s to 3 K/s
Maximum time above 200 °C (t2)
70 s
70 s
Maximum time above 230 °C (t3)
30 s
30 s
Peak temperature TPeak
260 °C
260 °C
245 °C
Maximum reflow cycles
2
1
2
Ramp down rate Tpeak to 217 °C
6 K/s max.
Time 25 °C to TPeak
8 min max.
aa
c
b
Time (s)
Peak temperature
180
150
200
230
(°C)
T
peak
Preheat
t
1
t
2
t
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com