Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

136D Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 136D
Description  Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for -55 °C to 125 °C Operation, Low ESR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

136D Datasheet(HTML) 2 Page - Vishay Siliconix

  136D Datasheet HTML 1Page - Vishay Siliconix 136D Datasheet HTML 2Page - Vishay Siliconix 136D Datasheet HTML 3Page - Vishay Siliconix 136D Datasheet HTML 4Page - Vishay Siliconix 136D Datasheet HTML 5Page - Vishay Siliconix 136D Datasheet HTML 6Page - Vishay Siliconix 136D Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
136D
www.vishay.com
Vishay
Revision: 05-Dec-14
2
Document Number: 40132
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• For insulated parts, add 0.015" [0.38] to the diameter. The insulation shall lap over the ends of the capacitor body.
DIMENSIONS in inches [millimeters]
CASE
CODE
DCLR 90 / 91
EQUIV.
DL1
L2
(Max.)
E
WEIGHT
(g)
(Max.)
C
T1
0.188 ± 0.016
[4.78 ± 0.41]
0.453 + 0.031 / - 0.016
[11.51 + 0.79 / - 0.41]
0.734
[18.64]
1.500 ± 0.250
[38.10 ± 6.35]
2.6
F
T2
0.281 ± 0.016
[7.14 ± 0.41]
0.641 + 0.031 / - 0.016
[16.28 + 0.79 / - 0.41]
0.922
[23.42]
2.250 ± 0.250
[57.15 ± 6.35]
6.2
T
T3
0.375 ± 0.016
[9.53 ± 0.41]
0.766 + 0.031 / - 0.016
[19.46 + 0.79 / - 0.41]
1.047
[26.59]
2.250 ± 0.250
[57.15 ± 6.35]
11.6
K
T4
0.375 ± 0.016
[9.53 ± 0.41]
1.062 + 0.031 / - 0.016
[26.97 + 0.79 / - 0.41]
1.343
[34.11]
2.250 ± 0.250
[57.15 ± 6.35]
17.7
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER (1)
MAX. ESR
AT +25 °C
120 Hz
(
)
MAX. IMP.
AT -55 °C
120 Hz
(
)
MAX. DCL (μA)
AT
MAX. CAPACITANCE CHANGE
(%) AT
MAX.
RIPPLE
40 kHz
IRMS
(mA)
+25 °C
+85 °C
+125 °C
-55 °C
+85 °C
+125 °C
6 VDC AT +85 °C; 4 VDC AT +125 °C
30
C
136D306X0006C2
1.99
100
1
2
-40
+10.5
+12
820
68
C
136D686X0006C2
1.58
60
1
2
-40
+14
+16
960
140
F
136D147X0006F2
0.99
40
1
3
-40
+14
+16
1200
270
F
136D277X0006F2
1.11
25
1
6.5
-44
+17.5
+20
1375
330
T
136D337X0006T2
0.73
20
2
7.9
-44
+14
+16
1800
560
T
136D567X0006T2
0.65
25
2
13
-64
+17.5
+20
1900
1200
K
136D128X0006K2
0.50
20
3
14
-80
+25
+25
2265
8 VDC AT +85 °C; 5 VDC AT +125 °C
25
C
136D256X0008C2
1.99
100
1
2
-40
+10.5
+12
820
56
C
136D566X0008C2
1.66
59
1
2
-40
+14
+16
900
120
F
136D127X0008F2
1.11
50
1
2
-44
+17.5
+20
1230
220
F
136D227X0008F2
1.12
30
1
7
-44
+17.5
+20
1370
290
T
136D297X0008T2
0.78
25
2
6
-64
+17.5
+20
1770
430
T
136D437X0008T2
0.71
25
2
14
-64
+17.5
+20
1825
850
K
136D857X0008K2
0.47
22
4
16
-80
+25
+25
2330
10 VDC AT +85 °C; 7 VDC AT +125 °C
20
C
136D206X0010C2
1.99
175
1
2
-32
+10.5
+12
820
47
C
136D476X0010C2
1.84
100
1
2
-36
+14
+16
855
100
F
136D107X0010F2
0.99
60
1
4
-36
+14
+16
1200
180
F
136D187X0010F2
1.11
40
1
7
-36
+14
+16
1365
250
T
136D257X0010T2
0.80
30
2
10
-40
+14
+16
1720
390
T
136D397X0010T2
0.75
25
2
16
-64
+17.5
+20
1800
750
K
136D757X0010K2
0.44
23
4
16
-80
+25
+25
2360
Note
(1) Part numbers listed are for units with ± 20 % capacitance tolerance insulated capacitors. For ± 10 % tolerance capacitors, change the digit
following the letter “X” from “0” to “9”; for ± 5 %, change the digit following the letter “X" from “0” to “5”. For capacitors without outer
polyester-film insulation, change the last digit in the part number from “2” to “0”. For capacitors with a high temperature insulating sleeve,
change the last digit in the part number from “2” to “3”. For RoHS compliant add “E3”.
L
2
Weld
Tantalum
0.0253 ± 0.002 [0.64 ± 0.05] Dia.
(NO. 22 AWG tinned nickel leads
solderable and weldable)
D
EL
1
E



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com