Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

136D Datasheet (PDF) - Vishay Siliconix

136D Datasheet PDF - Vishay Siliconix
Part # 136D
Download  136D Download
File Size   109.35 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for -55 °C to 125 °C Operation, Low ESR

136D Datasheet (PDF)

Go To PDF Page Download Datasheet
136D Datasheet PDF - Vishay Siliconix

Part # 136D
Download  136D Click to download

File Size   109.35 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for -55 °C to 125 °C Operation, Low ESR

136D Datasheet (HTML) - Vishay Siliconix


136D Product details

• Military specification MIL-PRF-39006/30 and
39006/31. model 136D capacitors are
commercial equivalents of military style
CLR90 and CLR91
• Capacitors to meet the MIL-specs must be
ordered by M39006 part numbers shown in
the relative specification
• Axial through-hole terminations: standard tin /
lead (SnPb), 100 % tin (RoHS-compliant) available
• Standard and extended ratings
• Low ESR




Similar Part No. - 136D

ManufacturerPart #DatasheetDescription
logo
Abbatron All Rights Res...
136 ABBATRON-136 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Adafruit Industries
136 ADAFRUIT-136 Datasheet
172Kb / 2P
Ladyadas Electronics Toolkit
8-1-17
logo
CEE Norm UK Ltd
136 CEENORM-136 Datasheet
1Mb / 4P
Socket Outlets
logo
TE Connectivity Ltd
136-020 TEC-136-020 Datasheet
689Kb / 29P
FLAT AND ROUND CABLE
136-020-0100 TEC-136-020-0100 Datasheet
689Kb / 29P
FLAT AND ROUND CABLE
More results


Similar Description - 136D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D306X0006C2 VISHAY-135D306X0006C2 Datasheet
78Kb / 5P
Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55°C to 200°C Operation
15-Jan-01
135D306X0006C2E3 VISHAY-135D306X0006C2E3 Datasheet
108Kb / 6P
Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
26-Sep-06
134D VISHAY-134D Datasheet
95Kb / 3P
Wet Tantalum HI TMP® Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 200 °C Operation
25-Aug-08
135D VISHAY-135D Datasheet
100Kb / 6P
Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 째C to 200 째C Operation
10-Oct-08
735D VISHAY-735D_08 Datasheet
112Kb / 10P
Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
29-Jun-07
HE3A VISHAY-HE3A Datasheet
133Kb / 4P
Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 125 °C Operation
30-Jun-08
T18D108M075EZSS VISHAY-T18D108M075EZSS Datasheet
78Kb / 4P
Wet Tantalum Capacitors, Ultra High Capacitance, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
11-Jan-16
735D VISHAY-735D Datasheet
136Kb / 9P
Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
17-Oct-03
T22 VISHAY-T22 Datasheet
158Kb / 10P
Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
13-May-2020
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal for -55 °C to 125 °C Operation
10-Aug-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com