Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPR Datasheet(PDF) 1 Page - Vishay Siliconix

Part # EPR
Description  High Voltage DC Filter Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EPR Datasheet(HTML) 1 Page - Vishay Siliconix

  EPR Datasheet HTML 1Page - Vishay Siliconix EPR Datasheet HTML 2Page - Vishay Siliconix EPR Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EPR
www.vishay.com
Vishay ESTA
Revision: 22-Nov-2019
1
Document Number: 13016
For technical questions, contact: esta@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Voltage DC Filter Capacitors
TYPE EPR
The EPR range of capacitors are manufactured using a
mixed dielectric material that consists of polyester /
polypropylene
film
and
capacitor
tissue.
They
are
impregnated and filled with a mineral oil. The container is a
robust
rectangular
polypropylene
case.
The
internal
construction is designed to prevent movement when the
capacitor is subjected to mechanical shock or vibration. An
inert welding process ensures hermetic sealing. Standard
terminations are M10 threaded inserts which eliminates the
necessity for large voltage terminals. The case has an
extremely low affinity for moisture and is resistant to virtually
all electrical environments. Brackets can be welded on as
required.
Note
• The impregnant used is a non toxic highly purified and inhibited
mineral oil
APPLICATIONS
The EPR range is designed specifically for DC applications
such as filters:
• By-pass
• Coupling
• Rapid discharge
• Pulse forming networks
•Radar
• Laser
• X-ray equipment
TEMPERATURE RANGE
Temperature range is -40 °C to +85 °C. Derating is required
for operation at higher temperatures.
TEMPERATURE COEFFICIENT
Capacitance will increase by 2 % per 100 °C temperature
rise.
CAPACITANCE RANGE
0.002 μF to 2 μF. The tolerance is ± 10 %. Other tolerance
are available on request. Normal values measured at 1 kHz.
RIPPLE
The sum of the peak ripple voltage and the DC voltage
should not exceed the rated voltage. Refer to graph Fig. 1
for permissible peak-to-peak ripple voltage as a percentage
of rated voltage for various frequencies.
Fig. 1
POWER FACTOR
The power factor is variable, and is a function of temperature
and frequency see Fig. 2. Nominal value < 0.5 % at 20 °C.
Fig. 2
DIELECTRIC RESISTANCE
(Parallel resistance) is indicated by the graph of insulance
(M
 x μF) vs temperature Fig. 3. The insulance (M x μF) is
nominally 10 000 s at +20 °C. (Measurements taken after
1 minute with an applied voltage of 500 V).
Fig. 3
LIFE EXPECTANCY
EPR type capacitors are designed for a life expectancy of
50 000 h at 65 °C. To achieve the same life expectancy at
85 °C derate to 60 % of rated voltage Fig. 4.
Fig. 4
30
10
20
10
100
1000
Frequency Hz
0
10 000
2 %
0 %
1 %
80
65
40
0
-20
1 kHz
50 Hz
Power Factor
vs.
Temperature
at 20 °C
-40
0
40
80
10
2
10
3
10
4
10
5
Insulance vs. Temperature
Typical Values
50
100
150 °C
10
2
10
3
10
4
10
5
Rated Voltage


Similar Part No. - EPR

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
EPR-000008 POWERINT-EPR-000008 Datasheet
690Kb / 20P
Engineering Prototype Report 1.2 W, Universal Input, Non-isolated, TNY254 (EP8)
EPR-000013 POWERINT-EPR-000013 Datasheet
1Mb / 56P
Engineering Prototype Report (EP13) 43 W / 57 W pk, 5 Output TOPSwitch??GX (TOP246Y) Power Supply
EPR-000014 POWERINT-EPR-000014 Datasheet
1Mb / 28P
Engineering Prototype Report - 3 W Universal Input TinySwitch-II TNY264 Power Supply
EPR-00010 POWERINT-EPR-00010 Datasheet
518Kb / 24P
15W, Universal Input, Single Output, Isolated Converter with TOP233Y
EPR-00011 POWERINT-EPR-00011 Datasheet
1Mb / 46P
Engineering Prototype Report - 70 W (19 V 3.66A) Universal Input Adapter (EP11)
More results

Similar Description - EPR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EC100-104 VISHAY-EC100-104 Datasheet
179Kb / 2P
High Voltage DC Filter Capacitors
11-Aug-10
EPR150-104 VISHAY-EPR150-104 Datasheet
692Kb / 3P
High Voltage DC Capacitors
11-Aug-10
ER10-104 VISHAY-ER10-104 Datasheet
397Kb / 4P
DC Filter Capacitors
11-Aug-10
ET10-103 VISHAY-ET10-103 Datasheet
356Kb / 4P
DC Filter Capacitors
11-Aug-10
logo
MORNSUN Science& Techno...
LS03-05B05S-FPT MORNSUN-LS03-05B05S-FPT Datasheet
652Kb / 4P
HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-05BY7S MORNSUN-LS03-05BY7S Datasheet
311Kb / 3P
HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-15B05SR2 MORNSUN-LS03-15B05SR2 Datasheet
880Kb / 5P
AC-DC(HIGH VOLTAGE DC-DC) CONVERTER
logo
API Technologies Corp
1280-060 APITECH-1280-060 Datasheet
54Kb / 2P
HIGH VOLTAGE FILTER
logo
STMicroelectronics
SCT10N120 STMICROELECTRONICS-SCT10N120 Datasheet
791Kb / 14P
High voltage DC-DC converters
23-May-2016
SCT50N120 STMICROELECTRONICS-SCT50N120 Datasheet
708Kb / 11P
High voltage DC-DC converters
03-Apr-2017
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com