Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPR Datasheet(PDF) 2 Page - Vishay Siliconix

Part # EPR
Description  High Voltage DC Filter Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EPR Datasheet(HTML) 2 Page - Vishay Siliconix

  EPR Datasheet HTML 1Page - Vishay Siliconix EPR Datasheet HTML 2Page - Vishay Siliconix EPR Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EPR
www.vishay.com
Vishay ESTA
Revision: 22-Nov-2019
2
Document Number: 13016
For technical questions, contact: esta@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VOLTAGE RANGE
15 000 VDC to 300 000 VDC, other values on request.
TEST VOLTAGE
Terminal/terminal (Vt/t)
For DC rating < 20 kV
Vt/t = 2.0 x rated voltage 60 s
For DC rating > 20 kV
Vt/t = 1.5 x rated voltage 60 s
DIMENSIONS in millimeters
6
C
B
TYPE DESCRIPTION
PART NUMBER
CAP.
(μF)
A
(mm)
B
(mm)
C
(mm)
15 kVDC
EPR150-104
0.1
75
75
142
30 kVDC
EPR300-504
0.5
130
220
185
50 kVDC
EPR500-103
0.01
70
90
245
EPR500-504
0.5
175
235
280
75 kVDC
EPR750-503
0.05
80
110
365
EPR750-104
0.1
115
130
365
EPR750-254
0.25
175
190
365
100 kVDC
EPR1000-253
0.025
80
90
420
EPR1000-403
0.04
120
200
285
EPR1000-104
0.1
125
175
445
200 kVDC
EPR2000-502
0.005
90
90
385
300 kVDC
EPR3000-252
0.0025
70
95
555



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com