Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # EP1
Description  Wet Tantalum Capacitors, High Energy, Ultra High Capacitance, -55 °C to 125 °C Operation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EP1 Datasheet(HTML) 7 Page - Vishay Siliconix

  EP1 Datasheet HTML 1Page - Vishay Siliconix EP1 Datasheet HTML 2Page - Vishay Siliconix EP1 Datasheet HTML 3Page - Vishay Siliconix EP1 Datasheet HTML 4Page - Vishay Siliconix EP1 Datasheet HTML 5Page - Vishay Siliconix EP1 Datasheet HTML 6Page - Vishay Siliconix EP1 Datasheet HTML 7Page - Vishay Siliconix EP1 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
EP1
www.vishay.com
Vishay
Revision: 23-Mar-2021
7
Document Number: 42107
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PERFORMANCE CHARACTERISTICS OF HIGH ENERGY CAPACITORS
Note
• For surface-mount solder attachment refer to application note 42110: www.vishay.com/doc?42110
ELECTRICAL PERFORMANCE CHARACTERISTICS
ITEM
PERFORMANCE CHARACTERISTICS
Operating temperature range
Per MIL-PRF-39006. -55 °C to +85 °C or +125 °C with voltage derating
(see Standard Ratings table)
Storage temperature range
Per MIL-PRF-39006. -62 °C to +130 °C
Capacitor tolerance
± 20 % ± 10 % at 120 Hz
ESR
Limits per Standard Ratings table
DC leakage current (DCL max.)
At 25 °C the leakage current shall not exceed values listed in the Standard Rating table.
Reverse voltage
There shall be no continuous reverse voltage. Transient reverse voltage surges are acceptable
under the following conditions:
a) The peak reverse voltage is equal to or less than 1.0 V and the product of the peak current
times the duration of the reverse transient is 0.05 A or less
b) The repetition rate of the reverse voltage surges is less than 10 Hz
Surge voltage
The test shall be at 1000 cycles at 110 % of rated voltage at 85 °C. A cycle consists of a 30 s
charge and a 330 s discharge through 1000
Ω resistor.
Life test
2000 h at +85 °C
ENVIRONMENTAL CHARACTERISTICS
ITEM
TEST AND CONDITIONS
COMMENTS
Hermeticity
MIL-STD-202, method 112 C/IIIa
The capacitor shall be hermetically sealed such that the case does not leak
electrolyte or vent any gas when exposed to a vacuum.
Moisture resistance
MIL-STD-202, method 106
6 V polarity
Altitude
MIL-STD-202, method 105 C,
test condition D
100 000 feet test
Fungus
MIL-PRF-39006
The capacitor materials shall not support fungus growth and shall not be a
nutrient to fungus.
MECHANICAL PERFORMANCE CHARACTERISTICS
ITEM
TEST AND CONDITIONS
COMMENTS
Thermal shock
MIL-STD-202, method 107 G
Test condition A
Shock
MIL-STD-202, method 213 B
test condition G
11 ms, 50 g
Vibration - high frequency
MIL-STD-202, method 204 D
test condition D
12 sweeps/axis, 20 g peak
Vibration - random
MIL-STD-202, method 214 A
test condition II, letter E
1.5 h/axis, 19.64 g
Resistance to solder heat
MIL-STD-202, method 210 F,
test conditions A and B
Solderability
MIL-STD-202, method 208
Terminal strength
MIL-STD-202, method 211 A
The capacitor terminals must withstand a 5 pound pull test for 5 s to 10 s.
The capacitor must not be visibly damaged and the electrical
characteristics must not be affected.
Part markings
MIL-STD-202, method 215 J
The capacitor shall be permanently and legibly marked on the
circumference of the case. The markings shall be resistant to solvents.
Weight (mass)
See Standard Ratings table
Seal
MIL-PRF-39006
MSL
J-STD-033
Not applicable
Packaging
MIL-PRF-39006
All units are shipped in individual bulk packages.
Stud mounting
Tighten nuts only ½ to ¾ turn beyond point of initial contact, equivalent to
24 to 28 maximum inch-ounces torque. Maximum pre-load tension
~ 15 pounds.
Lock washers are not recommended; use an adhesive lock nut
conforming to MIL-S-22473E, grade A - red



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com