Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # EP1
Description  Wet Tantalum Capacitors, High Energy, Ultra High Capacitance, -55 °C to 125 °C Operation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EP1 Datasheet(HTML) 3 Page - Vishay Siliconix

  EP1 Datasheet HTML 1Page - Vishay Siliconix EP1 Datasheet HTML 2Page - Vishay Siliconix EP1 Datasheet HTML 3Page - Vishay Siliconix EP1 Datasheet HTML 4Page - Vishay Siliconix EP1 Datasheet HTML 5Page - Vishay Siliconix EP1 Datasheet HTML 6Page - Vishay Siliconix EP1 Datasheet HTML 7Page - Vishay Siliconix EP1 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
EP1
www.vishay.com
Vishay
Revision: 23-Mar-2021
3
Document Number: 42107
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS - RADIAL TERMINATION WITH STUDS in inches
CASE SIZE
H
TERMINATION CODE
TERMINATION /
MOUNTING OPTION
A
0.312
C
100 % tin (RoHS compliant)
radial w/stud mount
B
0.450
C
0.596
D
Tin / lead radial w/stud mount
D
0.755
SL STUD LENGTH CODE
SL DIM
A0.21
B0.27
C0.40
D0.15
E0.18
F0.35
1.400 ± 0.010
0.700
0.722
1.455 ± 0.010
0.400 ± 0.010
0.400
0.800 ± 0.005
H
0.500
MIN.
Negative
conductor
Negative
conductor
Positive
conductor
Insulator base
0.230 ± 0.020
SL code ± 0.010
Ø 0.064 ± 0.003
Positive lead
(see termination code)
Ø 0.040 ± 0.003
Negative lead
(see termination code)
2-56 threaded stud
(2 plcs) material 316 SS
(non-conductor)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com