Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDLL5519S Datasheet(PDF) 1 Page - Microsemi Corporation

Part # CDLL5519S
Description  ZENER DIODE, 500mW
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CDLL5519S Datasheet(HTML) 1 Page - Microsemi Corporation

  CDLL5519S Datasheet HTML 1Page - Microsemi Corporation CDLL5519S Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6
LAKE
STREET,
LAWRENCE,
MASSACHUSETTS 01841
PHONE (978) 620-2600
FAX (978) 689-0803
WEBSITE: http://www.microsemi.com
143
FIGURE 1
DESIGN DATA
CASE: DO-213AA, Hermetically sealed
glass case. (MELF, SOD-80, LL34)
LEAD FINISH: Tin / Lead
THERMAL RESISTANCE: (ROJEC):
100 °C/W maximum at L = 0 inch
THERMAL IMPEDANCE: (ZOJX): 35
°C/W maximum
POLARITY: Diode to be operated with
the banded (cathode) end positive.
MOUNTING SURFACE SELECTION:
The Axial Coefficient of Expansion
(COE) Of this Device is Approximately
+6PPM/°C. The COE of the Mounting
Surface System Should Be Selected To
Provide A Suitable Match With This
Device.
MAXIMUM RATINGS
Junction and Storage Temperature: -65°C to +125°C
DC Power Dissipation: 500 mW @ TEC = +125°C
Power Derating: 10 mW / °C above TEC = +125°C
Forward Voltage @ 200mA: 1.1 volts maximum
ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise specified.
B-C-D
SUFFIX
CDI
NOMINAL
ZENER
MAX. ZENER
MAXIMUM REVERSE
MAXIMUM
REGULATION
LOW
TYPE
ZENER
TEST
IMPEDANCE
LEAKAGE CURRENT
DC ZENER
FACTOR
VZ
NUMBER
VOLTAGE CURRENT
B-C-D SUFFIX
CURRENT
CURRENT
VZ@ 1ZT
1ZT
ZZT @ 1ZT
lR
VR = VOLTS
1ZM
∆V
Z
1ZL
(NOTE 1)
(NOTE 2)
(NOTE 3)
(NOTE 4)
(NOTE 5)
NON & A-
B-C-D-
VOLTS
mA
OHMS
µ Adc
SUFFIX
SUFFIX
mA
VOLTS
mA
CDLL5518B
3.3
20
26
5.0
0.90
1.0
115
0.90
2.0
CDLL5519B
3.6
20
24
3.0
0.90
1.0
105
0.90
2.0
CDLL5520B
3.9
20
22
1.0
0.90
1.0
98
0.85
2.0
CDLL5521B
4.3
20
18
3.0
1.0
1.5
88
0.75
2.0
CDLL5522B
4.7
10
22
2.0
1.5
2.0
81
0.60
1.0
CDLL5523B
5.1
5.0
26
2.0
2.0
2.5
75
0.65
0.25
CDLL5524B
5.6
3.0
30
2.0
3.0
3.5
68
0.30
0.25
CDLL5525B
6.2
1.0
30
1.0
4.5
5.0
61
0.20
0.01
CDLL5526B
6.8
1.0
30
1.0
5.5
6.2
56
0.10
0.01
CDLL5527B
7.5
1.0
35
0.5
6.0
6.8
51
0.05
0.01
CDLL5528B
8.2
1.0
40
0.5
6.5
7.5
46
0.05
0.01
CDLL5529B
9.1
1.0
45
0.1
7.0
8.2
42
0.05
0.01
CDLL5530B
10.0
1.0
60
0.05
8.0
9.1
38
0.10
0.01
CDLL5531B
11.0
1.0
80
0.05
9.0
9.9
35
0.20
0.01
CDLL5532B
12.0
1.0
90
0.05
9.5
10.8
32
0.20
0.01
CDLL5533B
13.0
1.0
90
0.01
10.5
11.7
29
0.20
0.01
CDLL5534B
14.0
1.0
100
0.01
11.5
12.6
27
0.20
0.01
CDLL5535B
15.0
1.0
100
0.01
12.5
13.5
25
0.20
0.01
CDLL5536B
16.0
1.0
100
0.01
13.0
14.4
24
0.20
0.01
CDLL5537B
17.0
1.0
100
0.01
14.0
15.3
22
0.20
0.01
CDLL5538B
18.0
1.0
100
0.01
15.0
16.2
21
0.20
0.01
CDLL5539B
19.0
1.0
100
0.01
16.0
17.1
20
0.20
0.01
CDLL5540B
20.0
1.0
100
0.01
17.0
18.0
19
0.20
0.01
CDLL5541B
22.0
1.0
100
0.01
18.0
19.8
17
0.25
0.01
CDLL5542B
24.0
1.0
100
0.01
20.0
21.6
16
0.30
0.01
CDLL5543B
25.0
1.0
100
0.01
21.0
22.4
15
0.35
0.01
CDLL5544B
28.0
1.0
100
0.01
23.0
25.2
14
0.40
0.01
CDLL5545B
30.0
1.0
100
0.01
24.0
27.0
13
0.45
0.01
CDLL5546B
33.0
1.0
100
0.01
28.0
29.7
12
0.50
0.01
NOTE 1
No Suffix type numbers are +20% with guaranteed limits for only VZ, lR, and VF.
Units with “A” suffix are +10% with guaranteed limits for VZ, lR, and VF. Units with
guaranteed limits for all six parameters are indicated by a “B” suffix for +5.0% units,
“C” suffix for+2.0% and “D” suffix for +1.0%.
NOTE 2
Zener voltage is measured with the device junction in thermal equilibrium at an ambient
temperature of 25°C + 3°C.
NOTE 3
Zener impedance is derived by superimposing on 1ZT A 60Hz rms a.c. current equal to
10% of1ZT.
NOTE 4
Reverse leakage currents are measured at VR as shown on the table.
NOTE 5
∆VZ is the maximum difference between VZ at lZT and VZ at lZL measured
with the device junction in thermal equilibrium.
• 1N5518BUR-1 THRU 1N5546BUR-1 AVAILABLE IN
JAN, JANTX AND JANTXV
PER MIL-PRF-19500/437
• ZENER DIODE, 500mW
• LEADLESS PACKAGE FOR SURFACE MOUNT
• LOW REVERSE LEAKAGE CHARACTERISTICS
• METALLURGICALLY BONDED
1N5518BUR-1
thru
1N5546BUR-1
and
CDLL5518 thru CDLL5546D
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
D
1.60
1.70
0.063 0.067
F
0.41
0.55
0.016 0.022
G
3.30
3.70
.130
.146
G1
2.54 REF.
.100 REF.
S
0.03 MIN.
.001 MIN.


Similar Part No. - CDLL5519S

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CDLL5519 MICROSEMI-CDLL5519 Datasheet
113Kb / 2P
LEADLESS PACKAGE FOR SURFACE MOUNT ZENER DIODE, 500mW
CDLL5519A MICROSEMI-CDLL5519A Datasheet
113Kb / 2P
LEADLESS PACKAGE FOR SURFACE MOUNT ZENER DIODE, 500mW
logo
Compensated Deuices Inc...
CDLL5519B CDI-DIODE-CDLL5519B Datasheet
94Kb / 2P
ZENER DIODE, 500mW
logo
Microsemi Corporation
CDLL5519B MICROSEMI-CDLL5519B Datasheet
113Kb / 2P
LEADLESS PACKAGE FOR SURFACE MOUNT ZENER DIODE, 500mW
CDLL5519B MICROSEMI-CDLL5519B Datasheet
123Kb / 2P
ZENER DIODE, 500mW
More results

Similar Description - CDLL5519S

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CDLL5518 CDI-DIODE-CDLL5518 Datasheet
94Kb / 2P
ZENER DIODE, 500mW
logo
Diodes Incorporated
BZX55C2V4 DIODES-BZX55C2V4 Datasheet
168Kb / 3P
500mW ZENER DIODE
DS18013 Rev. 3 - 3
logo
Taiwan Semiconductor Co...
BZX55C TSC-BZX55C Datasheet
73Kb / 3P
500mW Zener Diode
logo
Seme LAB
1N750AD1A SEME-LAB-1N750AD1A Datasheet
569Kb / 3P
500mW ZENER DIODE
logo
Microsemi Corporation
1N5518BUR MICROSEMI-1N5518BUR_08 Datasheet
123Kb / 2P
ZENER DIODE, 500mW
logo
Rohm
RLZTE-1120B ROHM-RLZTE-1120B Datasheet
820Kb / 4P
500mW Zener Leadless Diode
logo
Cystech Electonics Corp...
ZD5270BSH CYSTEKEC-ZD5270BSH Datasheet
305Kb / 7P
500mW Zener Diode
logo
Zibo Seno Electronic En...
BZX55C ZSELEC-BZX55C Datasheet
48Kb / 3P
500mW ZENER DIODE
BZX55C2V4 ZSELEC-BZX55C2V4 Datasheet
46Kb / 3P
500mW ZENER DIODE
LL55C2V4 ZSELEC-LL55C2V4 Datasheet
503Kb / 3P
500mW ZENER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com