Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDLL5519S Datasheet(PDF) 2 Page - Microsemi Corporation

Part # CDLL5519S
Description  ZENER DIODE, 500mW
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CDLL5519S Datasheet(HTML) 2 Page - Microsemi Corporation

  CDLL5519S Datasheet HTML 1Page - Microsemi Corporation CDLL5519S Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
144
CDLL5518 thru CDLL5546D
.1
.2
.5
1
2
5
10
20
50
100
OPERATING CURRENT IZT (mA)
FIGURE 3
ZENER IMPEDANCE VS. OPERATING CURRENT
1000
500
400
300
200
100
50
40
30
20
10
5
4
3
2
1
28 VOLT
6.8 VOLT
11 VOLT
0
25
50
75
100
125
150
175
TEC , End cap temperature (C°)
POWER DERATING CURVE
500
400
300
200
100
0
FIGURE 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com