Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDGS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # EDGS
Description  Stud Mount Edgewound Power Resistor (EDGS), Wirewound Resistors, Industrial Power
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EDGS Datasheet(HTML) 2 Page - Vishay Siliconix

  EDGS Datasheet HTML 1Page - Vishay Siliconix EDGS Datasheet HTML 2Page - Vishay Siliconix EDGS Datasheet HTML 3Page - Vishay Siliconix EDGS Datasheet HTML 4Page - Vishay Siliconix EDGS Datasheet HTML 5Page - Vishay Siliconix EDGS Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EDGS
www.vishay.com
Vishay Milwaukee
Revision: 04-Mar-16
2
Document Number: 31863
For technical questions, contact: vishaymilwaukeeresistor@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
RESISTOR CHARACTERISTICS
Power rating
W
400 to 1600
Resistance range
0.053 to 5.44
Resistance tolerance
%
10
TCR
ppm/°C
± 400, ± 180, ± 130, ± 20 (varies by wattage and resistance)
Operating temperature
°C
-55 to +350
Temperature rise
°C
375 above an ambient of 40 °C
Maximum altitude
f.a.s.l. (m.a.s.l.)
derate above 4921 f.a.s.l. (1500 m.a.s.l.)
Short-term overload (surge)
10 x rated power for 5 s
Surge windings
n/a
Maximum working voltage
(P x R)1/2
Insulation resistance
1M
Dielectric voltage
VRMS
2500 for 6 s
Creepage
inch (mm)
0.50 (12.7) typical
Terminal sleeves
n/a
Inductance
μH
n/a
Non-inductive winding
n/a
Terminal strength
lb
n/a
Electrical or mechanical customization
available: www.vishay.com/doc?31858
DERATING
MATERIAL SPECIFICATIONS
Element
stainless steel, copper-nickel, nickel-chrome
Core
electrical porcelain
Coating
none
Standard terminals
stainless steel
Part marking
part number, value, date code, MRC
Terminal hardware
cold rolled steel and zinc (hex free, trivalent clear) coating
0
AMBIENT TEMPERATURE IN °C
40
120
0
100
80
60
40
20
50
100
150
200
250
300
350
400



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com