Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDGS Datasheet(PDF) 3 Page - Vishay Siliconix

Part # EDGS
Description  Stud Mount Edgewound Power Resistor (EDGS), Wirewound Resistors, Industrial Power
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EDGS Datasheet(HTML) 3 Page - Vishay Siliconix

  EDGS Datasheet HTML 1Page - Vishay Siliconix EDGS Datasheet HTML 2Page - Vishay Siliconix EDGS Datasheet HTML 3Page - Vishay Siliconix EDGS Datasheet HTML 4Page - Vishay Siliconix EDGS Datasheet HTML 5Page - Vishay Siliconix EDGS Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EDGS
www.vishay.com
Vishay Milwaukee
Revision: 04-Mar-16
3
Document Number: 31863
For technical questions, contact: vishaymilwaukeeresistor@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Type: EDG Stud Mount
•Power: varies
• Tolerance: ± 10 %
Note
• If “1” is selected for the terminal option, the resistor thru bolt will also be metric.
DIMENSIONS in inches (millimeters)
GLOBAL MODEL
A
B
WEIGHT
g
EDGS0400
9.375 (238.125)
5.125(130.2)
525
EDGS0600
12.375 (314.3)
8.125 (206.4)
600
EDGS0800
15.375 (390.5)
11.0 (279.4)
800
EDGS1000
18.375 (466.7)
14.0 (355.6)
900
EDGS1200
21.375 (542.9)
17.0 (431.8)
1100
EDGS1400
24.375 (619.3)
20.0 (508)
1300
EDGS1600
27.375 (695.3)
23.0 (584.2)
1500
METRIC OPTIONS AVAILABLE
Metric Hardware on Terminal Lugs
Use terminal designation “1” example: EDGS10001R000K1B00
GLOBAL PART NUMBER INFORMATION
Global Part Numbering example: EDGU1200R4580KXB00 (EDGU1200 0.458 10 % 3/4LSteel712 B)
E
D
G
U
1
200
R
4
5
8
0
K
X
B
00
MODEL
(3 digits)
VALUE
(5 digits)
TOLERANCE
(1 digit)
TERMINAL
(1 digit)
PACKAGING
(1 digit)
SPECIAL
(2 digits)
EDGS0400
EDGS0600
EDGS0800
EDGS1000
EDGS1200
EDGS1400
EDGS1600
R = decimal
R1500 = 0.15
Check datasheet
for available
value range.
K = ± 10 %
X = 3/4" lug with
steel hardware
(3/4LSteel712)
B = bulk
00 = standard
FRONT VIEW
Ø 50.80 (2.00)
50 (1.97)
REF.
RIGHT SIDE VIEW
Ø 7.75
(0.31)
32.46 (1.28)
REF.
1/4" Terminal
Hardware
A
B (REF.)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com