Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPR Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CPR
Description  Wirewound/Metal Oxide Resistors, Commercial Power, Radial Terminals
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CPR Datasheet(HTML) 1 Page - Vishay Siliconix

  CPR Datasheet HTML 1Page - Vishay Siliconix CPR Datasheet HTML 2Page - Vishay Siliconix CPR Datasheet HTML 3Page - Vishay Siliconix CPR Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CPR High Volume
www.vishay.com
Vishay Dale
End of Life July 2020
Revision: 05-Feb-2020
1
Document Number: 30261
For technical questions, contact: ww2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wirewound/Metal Oxide Resistors, Commercial Power,
Radial Terminals
FEATURES
• Direct mounting on printed circuit board
• Circuit board lock-in mounting tabs
• High performance for low cost
• Special inorganic potting compound and
ceramic
case
provide
high
thermal
conductivity in a fireproof package
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
Notes
• E24 decade values are available, although others may be available upon request
• The CPR07 product series was recently terminated and is not recommended for new designs. Hence it was removed from the datasheet
(1) The xx is for the two digit “special” number as specified in Global Part Number Information section. Standard part number without the two
digit “special” is 10.5 mm length (15 mm for CPR20), 1 pin terminals
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL (1)
POWER RATING
P40 °C
W
RESISTANCE
RANGE
WIREWOUND
RESISTANCE
RANGE
METAL OXIDE
TOLERANCE
± %
WEIGHT
(typical)
g
CPR03...xx
3
0.1 to 100
-
5, 10
5.5
CPR05...xx
5
0.1 to 100
110 to 33K
5, 10
6.5
CPR10...xx
10
0.5 to 100
110 to 10K
5, 10
10
CPR15...xx
15
1.0 to 100
110 to 10K
5, 10
20.3
CPR20...xx
20
1.0 to 100
110 to 10K
5, 10
25.5
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
CPR HIGH VOLUME RESISTOR CHARACTERISTICS
Temperature Coefficient
ppm/°C
± 400
Short Time Overload
-
5 x rated power for 5 s
Maximum Working Voltage
V
(P x R)1/2
Terminal Strength
lb
10 minimum
Operating Temperature Range
°C
-65 to +275 for wirewound, -65 to +225 for metal oxide
GLOBAL PART NUMBER INFORMATION
Global Part Numbering Example: CPR05100R0JE6630
GLOBAL MODEL
VALUE
TOLERANCE
PACKAGING
SPECIAL
CPR03
CPR05
CPR10
CPR15
CPR20
R = decimal
K = thousand
R1500 = 0.15

1K500 = 1500

J = ± 5.0 %
K = ± 10.0 %
E66 = lead (Pb)-free, bulk
Blank = short, 1 pin
CPRxx...30 = long, 1 pin
CPRxx...31 = short, 2 pin
CPRxx...32 = long, 2 pin
P
R
0510
0
R
0J
E
6
6
C
3
0


Similar Part No. - CPR

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
CPR MERITEK-CPR Datasheet
613Kb / 9P
Pulse Withstanding Thick Film Chip Resistor
logo
IDEM Safety Switches
CPR IDEM-SAFETY-CPR Datasheet
1Mb / 2P
Non Contact Magnetic Safety Switches
Jun 21
logo
Edgecore Networks Corpo...
CPR-4011-4M11 EDGE-CORE-CPR-4011-4M11 Datasheet
532Kb / 4P
AS5812-54T
CPR-4011-4M11 EDGE-CORE-CPR-4011-4M11 Datasheet
508Kb / 4P
AS5812-54X
CPR-4011-4M21 EDGE-CORE-CPR-4011-4M21 Datasheet
532Kb / 4P
AS5812-54T
More results

Similar Description - CPR

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
MO1S WELWYN-MO1S Datasheet
236Kb / 2P
Power Metal Oxide Film Resistors
logo
Vishay Siliconix
CP00101R000JE14 VISHAY-CP00101R000JE14 Datasheet
90Kb / 3P
Wirewound/Metal Oxide Resistors, Commercial Power, Axial Lead
14-Aug-12
CPCC0547R00JE32 VISHAY-CPCC0547R00JE32 Datasheet
95Kb / 3P
Wirewound/Metal Film Resistors, Commercial Power, Vertical Mount
17-Feb-11
CPHV VISHAY-CPHV Datasheet
90Kb / 3P
Wirewound/Metal Oxide Resistors, Commercial Power, Axial Lead
14-Aug-12
logo
List of Unclassifed Man...
SQM5-1K5JI ETC2-SQM5-1K5JI Datasheet
999Kb / 2P
Radial Ceramic Case Resistors Wirewound / Metal Oxide
logo
Vishay Siliconix
CPCL VISHAY-CPCL_15 Datasheet
90Kb / 3P
Wirewound/Metal Film Resistors,Commercial Power, Vertical Mount
17-Feb-11
logo
TT Electronics.
CMO TTELEC-CMO Datasheet
286Kb / 4P
Commercial Grade Metal Oxide Resistors
logo
Vishay Siliconix
CPCC VISHAY-CPCC Datasheet
88Kb / 3P
Wirewound/Metal Oxide Resistors, Commercial Power, Vertical Mount
05-Feb-2020
AMW VISHAY-AMW Datasheet
152Kb / 7P
Wirewound/Metal Film Resistors, Commercial Power, Axial Lead
14-Feb-08
AMWS VISHAY-AMWS Datasheet
138Kb / 6P
Wirewound/Metal Film Resistors, Commercial Power, Axial Lead
19-Feb-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com