Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPR Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CPR
Description  Wirewound/Metal Oxide Resistors, Commercial Power, Radial Terminals
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CPR Datasheet(HTML) 3 Page - Vishay Siliconix

  CPR Datasheet HTML 1Page - Vishay Siliconix CPR Datasheet HTML 2Page - Vishay Siliconix CPR Datasheet HTML 3Page - Vishay Siliconix CPR Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CPR High Volume
www.vishay.com
Vishay Dale
End of Life July 2020
Revision: 05-Feb-2020
3
Document Number: 30261
For technical questions, contact: ww2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MATERIAL SPECIFICATIONS
Element:
wirewound = copper-nickel alloy or nickel-chrome alloy,
depending on resistance value;
metal oxide = high temperature fired metal oxide film
Core: ceramic
Body: steatite ceramic case with cement potting compound
Terminals: tin plated steel
Part Marking: DALE, model, wattage, value, tolerance,
date code
DERATING
AMBIENT TEMPERATURE IN °C
0
20
40
60
80
100
120
-55
75
275
-25
175
225
125
25
40
Wirewound
Metal oxide
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
Thermal Shock
-55 °C to +275 °C (+225 °C for metal oxide), 5 cycles, 30 min dwell time
± (5.0 % + 0.05
) R
Short Time Overload
5 x rated power for 5 s
± (4.0 % + 0.05
) R
Dielectric Withstanding Voltage
1000 VRMS for 1 min
± (2.0 % + 0.05
) R
Low Temperature Operation
-65 °C, full rated working voltage for 45 min
± (3.0 % + 0.05
) R
Humidity
75 °C, 90 % to 100 % RH, 240 h
± (5.0 % + 0.05
) R
Load Life
1000 h at rated power, +40 °C, 1.5 h “ON”, 0.5 h “OFF”
± (10.0 % + 0.05
) R
Terminal Strength
5 pounds for 30 s; body twisted about axis, 3 x 360° rotations
± (2.0 % + 0.05
) R
Resistance to Solder Heat
Terminal immersed 3.5 s in molten solder at 1/8" to 3/16" from body
± (4.0 % + 0.05
) R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com